AI

The **WADS-16B2-R/E** is a specific electronic component typically categorized as a **DIP (Dual In-line Package) Switch**. These components are widely used in industrial electronics, telecommunications, and consumer devices to set configuration parameters on a circuit board without needing to change software or use external tools.
---
### Technical Specifications
Below are the general characteristics associated with the WADS series 16-position switches:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Positions** | 16 Positions (Hexadecimal) |
| **Output Code** | Binary Coded Hexadecimal (Real Code) |
| **Mounting Type** | Through-Hole / PC Pin |
| **Actuator Type** | Recessed (R) / Extended (E) Shaft |
| **Contact Rating** | 100mA at 5V DC (Switching), 100mA at 50V DC (Non-switching) |
| **Operating Temp** | -25°C to +70°C |
---
### Key Electronic Components & Internal Design
#### 1. The Rotor and Contacts
The internal mechanism consists of a rotating disc (the rotor) with conductive paths. As the user turns the dial to one of the 16 positions (0-9, A-F), the rotor bridges specific pins to the "Common" pin.
#### 2. Coding Logic (Binary Coded Hexadecimal)
The "16B" designation indicates it is a 16-way switch. It converts the physical position into a 4-bit binary output.
* **Position 0:** All output pins are Open.
* **Position 7:** Pins 1, 2, and 4 are Closed (Binary 0111).
* **Position F (15):** Pins 1, 2, 4, and 8 are Closed (Binary 1111).
#### 3. Terminal Layout
The unit typically features 5 or 6 pins:
* **Common (C):** The input voltage source.
* **Bit 1 (1):** Least Significant Bit (LSB).
* **Bit 2 (2):**
* **Bit 4 (4):**
* **Bit 8 (8):** Most Significant Bit (MSB).
---
### Suffix Meanings
* **R/E:** This usually refers to the **Actuator style**.
* **R:** Recessed (requires a screwdriver to turn, preventing accidental changes).
* **E:** Extended (has a small knob or shaft for manual turning by hand).
---
### Typical Applications
* **Address Setting:** Setting the unique ID for a device on a RS-485 or CAN bus network.
* **Mode Selection:** Choosing between different operational modes in industrial controllers (PLCs).
* **Configuration:** Adjusting hardware-level settings on computer motherboards or peripheral cards.
- ⤷
How do I read the truth table for a 16-position hexadecimal rotary switch?
- ⤷ What is the difference between 'Real Code' and 'Complement Code' in these switches?
- ⤷ Are there Surface Mount (SMD) versions available for this specific part series?