WADS-2BB-R
AI

The **WADS-2BB-R** is a specific electronic component primarily categorized as a **Surface Mount (SMT) Detection Switch** or a Micro-action Switch. These are commonly used in consumer electronics to detect physical states such as the closing of a lid, the insertion of a card, or the position of a mechanical lever.
---
### 1. Technical Specifications
Below are the typical technical parameters for the WADS series detection switches:
| Feature | Specification |
| :--- | :--- |
| **Type** | Detection Switch (Surface Mount) |
| **Circuit** | SPST (Single Pole Single Throw) |
| **Switch Function** | Normally Open (Off-Mom) |
| **Contact Rating** | 1mA to 10mA @ 5V DC |
| **Operating Force** | 35gf to 50gf (grams-force) |
| **Mounting Type** | SMT (Surface Mount Technology) |
| **Orientation** | Right Angle / Horizontal |
---
### 2. Key Internal Components
The WADS-2BB-R consists of several precision-engineered parts that allow it to function within a very small footprint:
* **Actuator (Lever/Button):** The moving part that receives physical pressure. In the "R" (Right Angle) configuration, this usually protrudes horizontally.
* **Contact Terminals:** Usually made of a copper alloy with **Silver or Gold plating** to ensure high conductivity and prevent oxidation.
* **Base/Housing:** High-temperature resistant thermoplastic (like LCP) designed to withstand the heat of **Reflow Soldering**.
* **Internal Spring:** Provides the tactile feedback and ensures the switch returns to its "Open" state once pressure is removed.
---
### 3. Application Examples
Because of its small size and reliability, this part is frequently found in:
1. **Optical Disc Drives:** Detecting if a tray is open or closed.
2. **Smartphones/Tablets:** Detecting the insertion of a SIM card or SD card tray.
3. **Industrial Sensors:** End-of-travel detection for small motorized components.
4. **Wearables:** Detecting if a device is docked in its charging cradle.
---
### 4. Implementation Example (Code)
If you are integrating this switch into a microcontroller project (like an Arduino or ESP32), you would treat it as a digital input with a pull-up resistor.
```cpp
// Example code for detecting switch state
const int switchPin = 2; // Pin connected to WADS-2BB-R
void setup() {
pinMode(switchPin, INPUT_PULLUP); // Use internal pull-up
Serial.begin(9600);
}
void loop() {
int state = digitalRead(switchPin);
if (state == LOW) {
Serial.println("Object Detected / Switch Pressed");
} else {
Serial.println("No Detection / Switch Open");
}
delay(100);
}
```
- ⤷
What is the maximum soldering temperature for the WADS-2BB-R?
- ⤷ Does this switch come in a 'Normally Closed' configuration?
- ⤷ What are the physical dimensions (footprint) of this component?