AI

The **WADS-31B-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch** or a similar micro-switch variant often used in consumer electronics, automotive interfaces, and industrial controls.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical parameters for this component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | ≤ 100mΩ (Initial) |
| **Insulation Resistance** | ≥ 100MΩ @ 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Force** | 160gf to 250gf (Depending on sub-variant) |
| **Travel (Stroke)** | 0.25mm ± 0.1mm |
| **Operating Life** | 100,000 to 500,000 cycles |
---
### 2. Key Electronic Features
* **Tactile Feedback:** The "B-R" designation often refers to a specific tactile response (the "click" felt by the user) and the packaging (Reel).
* **SMD Mounting:** Designed for automated SMT (Surface Mount Technology) assembly lines, featuring "Gull-wing" or "J-lead" terminals.
* **Durability:** Built with high-temperature-resistant plastics (like LCP) to withstand infrared (IR) or vapor phase reflow soldering processes.
* **Sealing:** Many models in this series are IP67-rated, protecting the internal contacts from dust and water ingress.
---
### 3. Pinout and Circuit Diagram
As an SPST switch, the circuit is normally open (NO). When the plunger is depressed, it bridges the internal contacts.
```mermaid
graph LR
A[Terminal 1] --- B(Switch Internal)
B --- C[Terminal 2]
style B stroke-dasharray: 5 5
```
---
### 4. Applications
The WADS-31B-R is commonly integrated into:
1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets.
2. **Automotive:** Steering wheel controls, dashboard interfaces.
3. **Industrial:** Reset switches on PCB motherboards.
4. **Medical:** Control panels for portable diagnostic equipment.
- ⤷
What is the exact footprint dimensions for the WADS-31B-R PCB layout?
- ⤷ Does this switch come in different actuation force variants?
- ⤷ What is the recommended reflow soldering temperature profile for this part?