WADS-321-R
AI

The **WADS-321-R** typically refers to a **Microwave Motion Sensor Switch** or a specific series of **Wall-Mount Occupancy Sensors**. These devices are designed to automate lighting by detecting movement through walls or objects using high-frequency electromagnetic waves.
---
### 1. Key Electronic Components
The internal circuitry of a WADS-321-R sensor is divided into several functional blocks:
| Component Type | Function | Details |
| :--- | :--- | :--- |
| **Microwave Module** | Signal Transceiver | Operates at 5.8GHz (C-band). It emits low-power waves and measures the Doppler shift of reflected waves. |
| **Control IC (MCU)** | Logic Processing | An integrated circuit that processes the analog signal from the sensor and determines if the "threshold" for motion has been met. |
| **Relay** | Power Switching | An electromechanical component that opens or closes the electrical circuit to the load (light bulb/fan). |
| **Photosensor (LDR)** | Ambient Light Sensing | Detects if the room is already bright enough. If the lux level is high, it prevents the light from turning on despite motion. |
| **Potentiometers** | User Adjustments | Small variable resistors (trimmers) used to manually set sensitivity, time delay, and lux levels. |
---
### 2. Technical Specifications
The electronic performance of the unit usually follows these parameters:
* **Operating Voltage:** 220V - 240V AC / 50Hz.
* **Transmission Power:** < 0.2mW (extremely low, safe for human exposure).
* **Detection Angle:** 180° (Wall mount) or 360° (Ceiling mount).
* **Detection Range:** Adjustable from 2m to 15m.
* **Time Delay:** Adjustable from 10 seconds to 12 minutes.
---
### 3. Circuit Operation Logic
The device follows a specific electronic workflow to manage the connected load:
1. **Emission:** The **Microwave Module** continuously sends out high-frequency pulses.
2. **Detection:** When a moving object enters the field, the frequency of the reflected signal changes (**Doppler Effect**).
3. **Analysis:** The **MCU** filters out small movements (like insects or wind) and checks the **Photosensor**.
4. **Actuation:** If it is dark enough and motion is confirmed, the MCU sends a signal to the **Relay**, which clicks shut and completes the circuit to the light.
5. **Countdown:** The **Timer Circuit** resets every time motion is re-detected.
---
### 4. Installation Wiring (Typical)
The electronic terminal block usually features three connections:
```text
L (Line) --- Incoming Hot/Live Wire
N (Neutral) --- Common Neutral Wire
L' (Load) --- Switched Output to the Light/Device
```
---
- ⤷What is the difference between Microwave (WADS) and PIR motion sensors?
- ⤷ How do I adjust the sensitivity to prevent detection through thin walls?
- ⤷ What is the maximum wattage load the WADS-321-R relay can handle?