WADS-3A1-R
AI

## Technical Overview of WADS-3A1-R
The **WADS-3A1-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Chip Inductor**, often manufactured by companies like **Walsin Technology**. These components are critical for power management and signal integrity in compact electronic circuits.
---
### 1. Key Electronic Specifications
The performance of the WADS-3A1-R is defined by its electrical parameters, which determine how it behaves within a circuit:
| Parameter | Description | Typical Value/Range |
| :--- | :--- | :--- |
| **Inductance** | The ability to store energy in a magnetic field. | Varies by sub-series (e.g., 1.0µH to 10µH) |
| **Current Rating (Idc)** | The maximum DC current the part can handle without overheating. | High Current (Specific to size code) |
| **Resistance (DCR)** | Internal DC resistance of the copper winding. | Milliohms (Low DCR for efficiency) |
| **Operating Temp** | The thermal range the part can withstand. | -40°C to +125°C |
| **Tolerance** | The deviation from the nominal inductance. | ±20% (Standard for power inductors) |
---
### 2. Physical Construction and Parts
The "R" suffix usually denotes **RoHS Compliance** (Lead-free) or **Tape & Reel packaging**. Internally, the WADS-3A1-R consists of several layers:
1. **Magnetic Core:** Typically made of a Ferrite or Metal Alloy powder. This material determines the saturation point (when the inductor loses efficiency).
2. **Copper Winding:** A precision-wound coil that generates the magnetic field.
3. **Encapsulation/Shielding:** A protective resin or magnetic shield that prevents Electromagnetic Interference (EMI) from affecting nearby components.
4. **Terminations:** Tin-plated (Sn) electrodes designed for Solder Reflow processes.
---
### 3. Functional Applications
This component is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. Its electronic role includes:
* **Energy Storage:** Storing energy during the "on" cycle of a switching regulator and releasing it during the "off" cycle.
* **Filtering:** Acting as a low-pass filter to smooth out ripples in the output voltage, ensuring clean power for sensitive CPUs or ICs.
* **Decoupling:** Reducing high-frequency noise in communication lines.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer, the code usually follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **WA** | Manufacturer Series (e.g., Walsin) |
| **DS** | Shielded Type (Magnetic Shielding) |
| **3A1** | Size Code (Dimensions in mm, e.g., 3.0 x 3.0 mm) |
| **R** | RoHS Compliant / Tape & Reel |
---
- ⤷
What is the exact inductance value for the 3A1-R variant?
- ⤷ How does magnetic shielding in this part improve circuit performance?
- ⤷ What are the recommended soldering profiles for this SMD component?