WCT-1D3-R
AI

The **WCT-1D3-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Low Pass Filter** or a **Common Mode Choke**, often used in high-frequency data lines or power management circuits.
Below is a detailed breakdown of its technical characteristics and electronic properties.
---
### 1. Technical Specifications
The following table outlines the general electrical and physical parameters typical for this class of component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Surface Mount Device (SMD) |
| **Configuration** | 1-Line / 2-Line (depending on specific manufacturer suffix) |
| **Inductance / Impedance** | Varies by frequency (Commonly 90Ω - 600Ω @ 100MHz) |
| **Current Rating** | Typically 100mA to 500mA |
| **DC Resistance (DCR)** | Low (usually < 1.0 Ω) |
| **Operating Temperature** | -40°C to +125°C |
| **Termination Style** | Solder pads (Lead-Free / RoHS Compliant) |
---
### 2. Core Electronic Functions
The "WCT" series parts are engineered for specific roles in circuit design:
* **EMI Suppression:** Its primary role is to filter out Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI) from signal lines.
* **Common Mode Rejection:** It allows differential signals (the data) to pass through while blocking common-mode noise (unwanted interference affecting both lines).
* **Signal Integrity:** Used in high-speed interfaces to ensure the data waveform remains clean and recognizable by the receiving IC.
---
### 3. Physical Construction
The WCT-1D3-R is built using advanced ceramic or ferrite materials:
1. **Magnetic Core:** A ferrite core that provides the necessary magnetic flux to create impedance at high frequencies.
2. **Internal Windings:** Precision-wound copper coils that determine the inductance value.
3. **Encapsulation:** A protective resin or ceramic body that shields the internal components from environmental factors and mechanical stress.
4. **Taped and Reeled (The "-R" Suffix):** The "-R" at the end of the part number usually indicates that the part is supplied in **Tape and Reel** packaging, optimized for automated pick-and-place assembly machines.
---
### 4. Common Applications
* **USB Lines:** Filtering noise in USB 2.0 or 3.0 data paths.
* **HDMI/DisplayPort:** Reducing noise in high-definition video transmission.
* **CAN-Bus:** Used in automotive electronics to protect communication lines between ECUs.
* **Power Supply Decoupling:** Removing high-frequency ripples from low-voltage DC power rails.
- ⤷
What is the exact impedance value for the WCT-1D3-R at 100MHz?
- ⤷ Can this part be used in automotive-grade (AEC-Q200) applications?
- ⤷ What is the physical footprint size (e.g.
- ⤷ 0603
- ⤷ 0805) of this component?