WCT-511-R/Q
AI

The **WCT-511-R/Q** is a high-performance, integrated wireless power controller specifically designed for automotive and consumer electronics wireless charging applications (Qi standard). It is developed by NXP Semiconductors.
### 1. Technical Overview
The WCT-511 is a digital controller that manages the power transfer between a wireless charging base (Transmitter) and a mobile device (Receiver). It integrates the necessary digital and analog functions to simplify the design of a Qi-certified charging pad.
### 2. Key Electronic Specifications
| Feature | Description |
| :--- | :--- |
| **Core Architecture** | Digital Signal Processor (DSP) based controller |
| **Input Voltage** | Typically 5V to 12V (supports multiple power stages) |
| **Standard Compliance** | Qi Wireless Power Consortium (WPC) v1.2.x / v1.3 |
| **Power Output** | Supports 5W (Baseline) and up to 15W (Extended Power Profile) |
| **Communication** | In-band ASK (Back-scatter) and FSK modulation |
| **Package Type** | LQFP or QFN packages for compact PCB design |
---
### 3. Core Electronic Components & Architecture
The WCT-511 system typically consists of the following electronic blocks:
#### A. Power Stage (Inverter)
The controller drives a **Full-Bridge or Half-Bridge Inverter** consisting of MOSFETs. This stage converts DC power into a high-frequency AC signal (usually between 110kHz and 205kHz) to create an electromagnetic field via the primary coil.
#### B. Sensing & Protection Circuits
* **Foreign Object Detection (FOD):** Uses high-accuracy current and voltage sensing to detect if metal objects (like coins or keys) are between the pad and the phone.
* **Current/Voltage Monitoring:** Real-time monitoring of the resonance tank to ensure efficiency and safety.
* **Over-Temperature Protection:** Interfaces with NTC thermistors to shut down if heat exceeds safety limits.
#### C. Communication Decoders
Since Qi charging requires the phone to "talk" to the pad, the WCT-511 includes specialized analog front-ends to decode **ASK (Amplitude Shift Keying)** signals sent by the receiver through the magnetic field.
#### D. Clock & Timing
The chip utilizes an internal or external crystal oscillator to provide precise PWM (Pulse Width Modulation) control, ensuring the frequency is tuned perfectly to the resonant circuit for maximum power transfer.
---
### 4. Comparison: R vs. Q Variants
The suffix in the part number usually denotes the target market and certification level:
* **WCT-511-R:** Generally targeted at **Industrial and Consumer** applications (standard operating temperature ranges).
* **WCT-511-Q:** Typically denotes **Automotive Grade** (AEC-Q100 qualified), designed to withstand higher temperatures, vibrations, and stricter EMI/EMC requirements found in vehicle interiors.
---
### 5. Application Circuit Example
```c
// Pseudocode for the WCT-511 control logic loop
void Wireless_Power_Loop() {
Check_For_Receiver(); // Ping for device presence
if (Device_Detected) {
Authenticate_Qi(); // Verify Qi protocol
while(Charging) {
Adjust_PWM_Freq(); // PID loop for power regulation
Monitor_FOD(); // Safety check for metal objects
Handle_Feedback(); // Adjust based on phone's request
}
}
}
```
- ⤷
What are the main differences between the WCT-511 and the WCT-1013 series?
- ⤷ How does the WCT-511 handle Foreign Object Detection (FOD) at a hardware level?
- ⤷ Can the WCT-511-Q be used for multi-coil charging designs?