WCT-512-R/E
AI

The **WCT-512-R/E** is a high-performance Wireless Charging Transmitter (WCT) module, typically designed for automotive or industrial applications. It is engineered to meet Qi-standard requirements (WPC - Wireless Power Consortium) and focuses on multi-coil designs for flexible charging positioning.
---
### 1. Core Electronic Components
The functionality of the WCT-512-R/E is driven by several key internal stages:
| Component Type | Function | Details |
| :--- | :--- | :--- |
| **Microcontroller (MCU)** | System Logic & Control | Usually powered by an NXP (e.g., MWCT series) or similar automotive-grade processor to manage the Qi protocol. |
| **Power Bridge** | Inverter Stage | Consists of MOSFETs (Full-bridge or Half-bridge) that convert DC input into a high-frequency AC signal. |
| **Multi-Coil Array** | Energy Transfer | Features a 3-coil or similar arrangement to allow for larger charging surfaces and "free positioning" of the device. |
| **Resonant Tank** | Frequency Tuning | A combination of high-precision capacitors (C-series) and the primary coil (L) to reach LC resonance. |
| **Demodulator Circuit** | Communication | Monitors shifts in current/voltage to decode the FSK/ASK data sent back by the receiver device. |
---
### 2. Technical Specifications
Below are the typical operating parameters for this class of transmitter:
* **Input Voltage:** 9V to 16V (Optimized for 12V automotive batteries).
* **Output Power:** Support for 5W (Baseline Power Profile) up to 15W (Extended Power Profile).
* **Operating Frequency:** 110 kHz to 205 kHz.
* **Efficiency:** Typically >70% depending on coil alignment.
* **Protections:**
* **FOD (Foreign Object Detection):** Detects metal objects (coins, keys) to prevent overheating.
* **OTP/OVP:** Over-temperature and Over-voltage protection.
---
### 3. Connection and Interface Logic
The module interacts with the host vehicle or system through specific electrical interfaces:
```yaml
Interfaces:
- CAN Bus: For vehicle diagnostics and status reporting.
- LIN Bus: Used for lower-speed peripheral communication.
- GPIOs: For LED status indicators (Charging, Error, Standby).
- Power In: Hardwired 12V DC input with EMC filtering.
```
---
### 4. Hardware Implementation Flow
1. **DC Filtering:** Input power passes through an EMI filter to prevent noise from affecting the vehicle's radio.
2. **Inversion:** The MCU drives the MOSFET drivers to switch the DC into AC.
3. **Coil Selection:** The module detects which coil is closest to the phone and activates only that specific bridge.
4. **Feedback Loop:** The module constantly adjusts the frequency or duty cycle based on the "Error Control Packet" received from the smartphone.
- ⤷What are the specific NXP microcontrollers used in the WCT-512 series?
- ⤷ How does the Foreign Object Detection (FOD) algorithm work in this module?
- ⤷ Can this module be updated via Firmware Over-the-Air (FOTA)?