WCT-514-R
AI

The **WCT-514-R** is a specific electronic component, typically categorized as a **Wireless Charging Transmitter (Coil)** assembly. These modules are designed to facilitate inductive power transfer according to Qi or proprietary standards.
---
## 1. Core Specifications
The WCT-514-R is generally defined by its physical construction and electrical characteristics optimized for wireless power transmission.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Wireless Charging Transmitter Coil |
| **Inductance** | Usually ranges between 6.3µH to 24µH (model dependent) |
| **DC Resistance (DCR)** | Low (typically < 100 mΩ) to minimize heat loss |
| **Shielding** | Ferrite Plate (to direct magnetic flux and protect circuitry) |
| **Wire Type** | Litz Wire (to reduce skin effect at high frequencies) |
---
## 2. Key Electronic Components & Construction
The assembly consists of several critical layers that work together to create an electromagnetic field:
### A. The Coil (Inductor)
The primary element is a spiral of **Litz wire**. Litz wire consists of multiple thin strands insulated from each other, which reduces power loss caused by the "skin effect" at the high frequencies (110–205 kHz) used in wireless charging.
### B. Ferrite Shielding
The coil is mounted on a **ferrite sheet**. This serves two purposes:
1. **Flux Concentration:** It focuses the magnetic field towards the receiver (mobile device) rather than allowing it to dissipate behind the coil.
2. **EMI Suppression:** It protects the underlying electronics from interference and prevents eddy currents from heating up nearby metal objects.
### C. Adhesive / Mounting
The "R" suffix often denotes a specific mounting style or RoHS compliance. Most WCT units feature a pressure-sensitive adhesive (PSA) on the back for easy installation into a plastic housing.
---
## 3. Operating Principle
The WCT-514-R functions as the "Primary" side of a transformer:
1. **AC Input:** High-frequency alternating current is sent from the PCB driver to the coil.
2. **Magnetic Field:** The coil generates an oscillating magnetic field.
3. **Inductive Coupling:** When a receiver coil (in a smartphone) is placed nearby, the magnetic field induces a current in that secondary coil.
4. **Feedback:** The system monitors the load to ensure efficient power transfer and safety (Foreign Object Detection).
---
## 4. Typical Applications
* **Qi-Compliant Charging Pads:** Desktop wireless chargers.
* **Automotive Consoles:** Integrated charging docks in vehicles.
* **Industrial Handhelds:** Waterproof charging for rugged devices.
- ⤷
What are the standard dimensions for the WCT-514-R coil?
- ⤷ Does this coil support 15W Fast Charging standards?
- ⤷ What is the importance of Litz wire in this specific electronic part?