WCT-5AD-R/Q
AI

The **WCT-5AD-R/Q** is a high-performance, multi-coil wireless power transmitter controller specifically designed for automotive applications. It is part of NXP Semiconductors' wireless charging solution, adhering to the **Qi (WPC)** wireless charging standards.
---
### ## Core Electronic Components & Architecture
The WCT-5AD-R/Q is not just a simple chip; it represents a system-on-chip (SoC) architecture that manages the complex power conversion and communication required for wireless charging.
| Component Category | Description |
| :--- | :--- |
| **Microcontroller Core** | Integrated 32-bit core (often ARM Cortex-based) to handle the WPC protocol stack and system management. |
| **PWM Modules** | High-resolution Pulse Width Modulation units used to drive the power MOSFET bridge at specific frequencies (110kHz - 205kHz). |
| **ADC Units** | High-speed Analog-to-Digital Converters used for monitoring voltage, current, and temperature for safety and PID control. |
| **Communication Blocks** | Hardware support for FSK (Frequency Shift Keying) and ASK (Amplitude Shift Keying) to "talk" to the receiver (smartphone). |
| **Timer Units** | Precise timers used to control the duty cycle and phase shift of the electromagnetic field. |
---
### ## Key Technical Specifications
The "R/Q" variants typically denote specific automotive certifications and packaging (AEC-Q100 Grade 2).
* **Standard Compliance:** WPC Qi v1.2.4 (or newer depending on firmware).
* **Power Level:** Supports up to 15W (Extended Power Profile - EPP).
* **Input Voltage:** Designed for 12V automotive battery systems (via a buck-boost converter).
* **Coil Configuration:** Supports multi-coil arrays (e.g., MP-A8 or MP-A9) for improved charging spatial freedom.
* **Safety Features:**
* **FOD (Foreign Object Detection):** Detects metal objects to prevent overheating.
* **Over-Voltage/Current/Temperature Protection.**
---
### ## Operational Flow
1. **Pinging:** The controller sends a digital signal to detect if a Qi-compatible device is placed on the coil.
2. **Identification & Configuration:** The controller reads the device's requirements (power level, version).
3. **Power Transfer:** The WCT-5AD-R/Q adjusts the PWM frequency/duty cycle to maintain the requested power.
4. **Feedback Loop:** The mobile device sends packets to the controller to increase or decrease power; the controller adjusts the H-bridge drivers accordingly.
---
### ## Comparison: Automotive vs. Consumer Versions
| Feature | WCT-5AD-R/Q (Automotive) | Standard Consumer ICs |
| :--- | :--- | :--- |
| **Operating Temp** | -40°C to +105°C | 0°C to +70°C |
| **EMI/EMC** | High (CISPR25 Class 5) | Standard FCC/CE |
| **Reliability** | AEC-Q100 Certified | Standard Industrial |
- ⤷
What are the specific differences between the R and Q suffixes in NXP WCT series?
- ⤷ Which external MOSFETs are recommended for use with the WCT-5AD-R/Q controller?
- ⤷ How does the Foreign Object Detection (FOD) algorithm work in this specific controller?