WCT-5B3-R/Q
AI

The **WCT-5B3-R/Q** is an integrated circuit (IC) primarily designed for **Wireless Power Transfer (WPT)** applications. Specifically, it is a wireless power transmitter controller produced by NXP Semiconductors, often used in automotive-grade wireless charging stations (Qi standard).
---
## 1. Technical Specifications Overview
The "WCT" series focuses on managing the complex conversion of DC power into an electromagnetic field.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | NXP Semiconductors |
| **Application** | Automotive Wireless Charging (Qi Certified) |
| **Power Level** | Typically supports 5W to 15W+ (depending on configuration) |
| **Input Voltage** | ~12V (Automotive standard) |
| **Core Architecture** | ARM Cortex-M0+ or specialized DSP core |
| **Communication** | I2C, UART, LIN/CAN (via external transceivers) |
---
## 2. Key Electronic Components & Subsystems
The WCT-5B3-R/Q acts as the "brain" of the charging pad. It interfaces with several critical peripheral components:
### A. The Power Stage (Inverter)
The IC controls a **Full-Bridge or Half-Bridge Inverter**.
* **MOSFETs:** The controller sends PWM (Pulse Width Modulation) signals to high-side and low-side MOSFETs.
* **Gate Drivers:** Often requires external gate drivers to translate the logic signals into the voltage required to switch the power transistors.
### B. The Resonant Tank
* **LC Circuit:** The controller manages a circuit consisting of an induction coil (**L**) and a series of high-quality resonant capacitors (**C**).
* **Frequency Control:** It adjusts the switching frequency (typically between 110kHz and 205kHz) to tune the power delivery.
### C. Feedback & Sensing
* **Current/Voltage Sensing:** The IC uses Op-Amps and ADCs (Analog-to-Digital Converters) to monitor the current flowing through the coil and the input voltage.
* **FOD (Foreign Object Detection):** One of the most critical parts of the WCT-5B3. It calculates power loss to determine if a metal object (like a coin or key) is between the charger and the phone to prevent overheating.
---
## 3. Functionality within a System
The "R/Q" variants are often specific to automotive quality standards (AEC-Q100).
1. **Communication (In-band):** It decodes small voltage fluctuations caused by the smartphone (Receiver) to identify the device and its power requirements.
2. **Thermal Management:** It monitors thermistors (NTC) to throttle power if the charging pad gets too hot.
3. **Efficiency Optimization:** It adjusts the phase or frequency to ensure maximum power transfer efficiency regardless of phone alignment.
---
## 4. Typical Application Circuit
```mermaid
graph LR
DC_In[12V DC Input] --> Reg[Voltage Regulators]
Reg --> WCT[WCT-5B3 Controller]
WCT --> GD[Gate Drivers]
GD --> FETs[Full Bridge MOSFETs]
FETs --> Tank[Resonant LC Tank / Coil]
Tank -- Electromagnetic Field --> Phone[Mobile Device]
```
- ⤷
What is the difference between the 'R' and 'Q' suffixes in this NXP part number?
- ⤷ Which Qi standard version does the WCT-5B3-R/Q comply with?
- ⤷ What are the specific requirements for the resonant capacitors used with this controller?