Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WCT-5CD-R

  • AI
    The **WCT-5CD-R** is an electronic component primarily used in wireless charging applications. It is a high-performance **Wireless Power Transmitter Controller** designed to comply with the Qi specification standards (developed by the Wireless Power Consortium). --- ### Core Specifications and Features Below are the primary technical characteristics of the WCT-5CD-R: | Feature | Description | | :--- | :--- | | **Manufacturer** | NXP Semiconductors | | **Type** | Wireless Charging Transmitter (WCT) IC | | **Protocol Support** | Qi-certified (5W/15W options depending on configuration) | | **Supply Voltage** | Typical 4.5V to 5.5V (operating range) | | **Output Type** | PWM (Pulse Width Modulation) for Full-bridge/Half-bridge control | | **Efficiency** | >75% (application-dependent) | --- ### Key Electronic Sub-systems The internal architecture of the WCT-5CD-R consists of several critical blocks: #### 1. Power Control Logic The IC manages the power delivery by adjusting the duty cycle or frequency of the PWM signals sent to the external MOSFET drivers. This ensures that the electromagnetic field generated is consistent with the receiver's demand. #### 2. Communication Interface Wireless charging isn't just power; it involves data. The WCT-5CD-R includes: * **Demodulator:** Decodes small signal fluctuations (back-scatter modulation) from the receiver (phone/device) to adjust power levels. * **I2C/UART:** Used for external micro-controller communication or debugging. #### 3. Protection Circuitry To ensure safety during high-energy transfers, the chip includes: * **FOD (Foreign Object Detection):** Detects if metal objects (like coins or keys) are between the transmitter and receiver to prevent overheating. * **Over-Voltage/Current Protection:** Monitors the input and output rails to prevent silicon damage. * **Thermal Management:** Integrated temperature sensors to throttle power if the system gets too hot. --- ### Typical Application Circuit In a standard PCB design, the WCT-5CD-R acts as the "brain," connected to several peripheral components: 1. **Buck/Boost Converter:** Regulates the input voltage. 2. **Inverter (MOSFETs):** Switches DC power into AC for the primary coil. 3. **Resonant Tank:** A combination of capacitors and the induction coil. 4. **Sensors:** Current sense resistors for monitoring energy flow. --- ### Common Use Cases * **Mobile Phone Chargers:** Standard Qi pads. * **Automotive:** Integrated wireless charging consoles in vehicles. * **Industrial:** Sealed sensors that cannot have exposed charging ports.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the WCT-5CD-R and the WCT-15W series?
    • ⤷ How does the Foreign Object Detection (FOD) algorithm work in this specific IC?
    • ⤷ What is the recommended MOSFET configuration for a 5W wireless charging design?