WCT-5DC-R/Q
AI

The **WCT-5DC-R/Q** is a high-performance wireless charging transmitter module, typically designed for automotive or industrial applications. It is engineered to comply with the Qi wireless charging standards (WPC) to provide efficient power transfer.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the module:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 9V - 16V DC (Automotive Grade) |
| **Max Output Power** | 15W (Fast Charging Support) |
| **Standard Compliance** | WPC Qi v1.2.4 or higher |
| **Charging Efficiency** | >75% |
| **Operating Frequency** | 110 kHz - 205 kHz |
| **Communication** | In-band (FSK/ASK) and optional CAN/LIN bus |
---
### 2. Core Electronic Components
The module is composed of several critical electronic subsystems:
* **Integrated Power Controller:** The brain of the module, often featuring a specialized MCU (like an NXP or ST chipset). It manages the PWM (Pulse Width Modulation) for power regulation.
* **Full-Bridge Inverter:** Consists of high-efficiency MOSFETs that convert DC input into a high-frequency AC signal to drive the induction coil.
* **Inductive Coil (Transmitter):** Usually a multi-coil array (A13 or similar) to allow for better spatial freedom and alignment between the transmitter and the receiver.
* **Resonant Capacitors:** High-quality C0G/NP0 ceramic capacitors used to create the LC resonant circuit, ensuring stable energy transfer.
* **FOD (Foreign Object Detection) Circuitry:** Analog sensing components that monitor power loss and temperature to detect metallic objects between the coil and the phone, preventing overheating.
---
### 3. Integrated Protection Features
The WCT-5DC-R/Q includes robust electronic protection layers to ensure safety in automotive environments:
1. **Over-Voltage Protection (OVP):** Shuts down the circuit if the input voltage exceeds safe levels (e.g., >18V).
2. **Over-Current Protection (OCP):** Prevents damage to the internal MOSFETs during short circuits or excessive load.
3. **Thermal Management:** Built-in NTC thermistors monitor the PCB and coil temperature, throttling power if the unit gets too hot.
4. **EMC/EMI Shielding:** Designed with ferrites and filtered inputs to prevent interference with other vehicle electronics (like keyless entry or radio).
---
### 4. Typical Pinout Logic
While specific pinouts vary by manufacturer implementation, the "R/Q" variants generally follow this logic:
```c
// Pseudo-code representation of Logic Flow
void StartCharging() {
if (DetectForeignObject() == FALSE) {
PingReceiver();
EstablishCommunication(); // Handshake via ASK
EnableFullBridgeInverter(); // Start 15W transfer
} else {
TriggerErrorLED();
}
}
```
---
- ⤷
What are the main differences between the WCT-5DC and consumer-grade Qi chargers?
- ⤷ How does the FOD (Foreign Object Detection) function electronically in this module?
- ⤷ Does this module support CAN-bus communication for vehicle diagnostics?