Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WDNY-423-R

  • AI
    The **WDNY-423-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like Wachendorff or specialized industrial sensor brands. These devices are used to convert the angular position or motion of a shaft into analog or digital signals. --- ### ## Technical Specifications & Components The electronics of the WDNY-423-R are designed for high precision in industrial environments. Below are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 5V DC or 10-30V DC | | **Output Signal** | Quadrature (A, B) + Index (Z) | | **Output Driver** | Push-Pull (HTL) or RS422 (TTL / Line Driver) | | **Pulse Per Revolution (PPR)** | Typically 1024, 2048, or 4096 (depends on specific sub-model) | | **Connection Type** | Radial Cable Outlet or M12 Connector | --- ### ### Key Electronic Sub-systems #### 1. The Sensing Element (Optical/Magnetic) The "brain" of the part is the sensing assembly. * **Optical:** Uses an LED light source, a transparent code disc, and a photo-detector array. As the disc rotates, it breaks the light beam, creating pulses. * **Magnetic:** Uses a hall-effect sensor to detect changes in the magnetic field as a coded magnet rotates. #### 2. The Output Stage (Driver Circuits) The WDNY series usually employs one of two electronic output types: * **TTL (RS422):** Provides differential signals ($A, \bar{A}, B, \bar{B}, Z, \bar{Z}$). This is highly resistant to electrical noise and is used for long cable runs. * **HTL (Push-Pull):** Provides a high-voltage signal (matching the input voltage). This is commonly used with PLCs that do not have differential inputs. #### 3. Signal Processing Unit Internal circuitry handles **Quadrature Encoding**. This means signals A and B are shifted by 90 electrical degrees. The electronics use this phase shift to determine the **direction** of rotation (Clockwise vs. Counter-Clockwise). --- ### ### Wiring Pinout (General Color Code) Standard industrial wiring for these encoders follows this logic: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +Ub | Positive Supply Voltage | | **White** | 0V / GND | Ground | | **Green** | Channel A | Primary Pulse Signal | | **Yellow** | Channel B | 90° Shifted Signal | | **Grey** | Channel Z | Index/Reference Pulse | | **Shield** | PE | Housing/Ground Shield | --- ### ### Protection Electronics To ensure longevity in harsh environments, the WDNY-423-R includes: * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Short-Circuit Protection:** Protects the output drivers if the signal lines touch ground. * **EMC Filtering:** Internal capacitors and inductors to filter out electromagnetic interference from nearby motors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between TTL and HTL output types for this encoder?
    • ⤷ How do I calculate the RPM based on the pulse frequency of the WDNY-423-R?
    • ⤷ What are the mounting requirements for the 423-R series?