AI

The **WDY-442-R/E** is a specialized electronic module, typically identified as a **high-precision Weighing and Batching Controller** or a digital indicator used in industrial automation. It is designed to interface with load cells to measure weight and control peripheral equipment via electronic signals.
---
### 1. Core Electronic Components
The device is composed of several critical subsystems that allow it to convert physical force into digital data.
| Component Group | Function | Key Specifications |
|:---|:---|:---|
| **A/D Converter** | Converts analog signals from load cells to digital values. | High resolution (often 24-bit), Delta-Sigma. |
| **Microcontroller (MCU)** | Processes weight data, handles calibration, and manages logic. | Industrial grade with EEPROM for calibration storage. |
| **Power Supply** | Regulates incoming voltage to stable DC levels. | Typically supports 12-24V DC or 110/220V AC. |
| **Excitation Circuit** | Provides a stable voltage to the load cell sensors. | Usually 5V or 10V DC stability. |
| **Communication Interface** | Allows data exchange with PLCs or PCs. | RS-232, RS-485 (Modbus RTU). |
---
### 2. Input/Output (I/O) Characteristics
The "R/E" designation often refers to specific output configurations, such as **Relay** outputs for batch control.
* **Load Cell Input:** Capable of handling 4 to 6-wire load cell configurations. It uses high-impedance inputs to prevent signal degradation.
* **Digital Inputs:** Opto-isolated inputs used for external commands like "Tare," "Zero," or "Start/Stop."
* **Relay Outputs (The "R" in the model):** Dry contact relays used to trigger solenoids, motors, or alarms once a setpoint is reached.
* **Analog Output (Optional):** 4-20mA or 0-10V signal proportional to the weight for integration into older PLC systems.
---
### 3. Electronic Protection Features
To operate in harsh industrial environments, the WDY-442-R/E incorporates several protective circuits:
1. **EMI/RFI Shielding:** Internal metal shielding or filtering to prevent interference from nearby motors or radio frequencies.
2. **Surge Protection:** MOV (Metal Oxide Varistor) components to protect against voltage spikes on the power line.
3. **Watchdog Timer:** A hardware circuit that resets the processor if the software freezes due to electrical noise.
---
### 4. Technical Specifications Summary
```yaml
Display: 6-7 digit High-brightness LED
Sampling Rate: 10 - 80 Hz (Adjustable)
Non-linearity: < 0.01% of Full Scale
Operating Temp: -10°C to +40°C
Input Sensitivity: 0.1μV/division or higher
```
---
- ⤷
What is the wiring diagram for the load cell connection on this controller?
- ⤷ How do I calibrate the zero and span settings on the WDY-442 series?
- ⤷ Does this model support Modbus TCP/IP for Ethernet communication?