Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WDY-444-R/E

  • AI
    The **WDY-444-R/E** is a specific model of an **Elevator Door Motor Controller** (or Inverter), widely used in elevator systems (often associated with brands like BST or generic Chinese elevator control systems) to manage the opening and closing of cabin doors. Below is a detailed breakdown of its electronic components, technical specifications, and functions. --- ### 1. Technical Specifications The device acts as a variable frequency drive (VFD) specifically tuned for the high-torque, low-speed requirements of door motors. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | AC 220V ± 15% (Single Phase) | | **Output Voltage** | 0 - 220V (3-Phase Variable) | | **Rated Current** | 1.5A - 2.5A (Typical for door motors) | | **Control Mode** | PWM (Pulse Width Modulation) / Vector Control | | **Frequency Range** | 0Hz - 50/60Hz | --- ### 2. Core Electronic Modules The WDY-444-R/E consists of several internal circuit stages: #### A. Rectifier and Filter Stage * **Bridge Rectifier:** Converts incoming 220V AC into DC. * **Electrolytic Capacitors:** Large capacitors (usually 400V rated) to smooth the DC bus voltage and provide energy storage for peak torque demands. #### B. The Inverter Stage (IPM) * **Intelligent Power Module (IPM):** The heart of the unit. It contains IGBTs (Insulated Gate Bipolar Transistors) that switch the DC back into a simulated 3-phase AC wave to drive the door motor. * **Heat Sink:** Essential for dissipating heat generated by the switching transistors. #### C. Control and Logic Block * **Microcontroller (MCU):** Runs the firmware that calculates the "Door Curve" (acceleration, constant speed, and deceleration/creep speed). * **Optocouplers:** Used to isolate the high-voltage power side from the low-voltage control inputs (Open, Close, Nudge). --- ### 3. I/O Port Functionality The wiring terminals on the WDY-444-R/E are categorized by their electronic role: | Terminal Group | Function | | :--- | :--- | | **Power (L, N, PE)** | Mains 220V AC Input and Ground. | | **Motor (U, V, W)** | 3-Phase output to the synchronous or asynchronous door motor. | | **Input Signals** | Low voltage (usually 24V DC) inputs for "Open Door," "Close Door," and "Limit Switches." | | **Feedback (Encoder)** | Port for motor encoder feedback to ensure precise positioning and obstacle detection (anti-pinch). | | **Relay Outputs** | Signals sent back to the main elevator controller (e.g., Door Fully Open, Door Fully Closed). | --- ### 4. Key Electronic Features * **Overload Protection:** Monitors current draw to prevent the motor from burning out if the door is obstructed. * **S-Curve Logic:** The electronics are programmed to follow an S-curve profile, ensuring the door starts smoothly, moves fast in the middle, and slows down before hitting the mechanical buffers. * **Obstacle Detection:** If the current rises sharply (indicating an obstruction), the logic circuit triggers an immediate reversal. ---
    ✨ Follow-up Questions
    • ⤷ What are the common error codes for the WDY-444-R/E controller?
    • ⤷ How do you adjust the door opening speed on this specific model?
    • ⤷ Can this controller be used with both synchronous and asynchronous motors?