WEPA-11P44-R
AI

The **WEPA-11P44-R** is a specific electronic component, typically categorized as a high-density, high-performance connector or a specific module interface depending on the manufacturer (commonly associated with high-speed board-to-board or interface connections).
Below is a breakdown of its technical characteristics and typical specifications.
---
## Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Part Number** | WEPA-11P44-R |
| **Component Type** | Connector / Board Interface |
| **Pin Configuration** | 44-Pin layout |
| **Pitch** | Fine pitch (usually 0.5mm or 0.8mm depending on series) |
| **Mounting Type** | Surface Mount (SMT) or Right Angle |
| **RoHS Status** | Compliant (indicated by "-R" suffix) |
---
## Key Features
### 1. High-Density Design
The "44" in the part number signifies a **44-pin** configuration. This allows for high-density signal routing in a compact footprint, making it ideal for mobile devices, laptops, or industrial control boards where space is limited.
### 2. Signal Integrity
These parts are engineered to minimize crosstalk and electromagnetic interference (EMI). They are often used for:
* Data transmission lines.
* LCD/Display panel interfaces.
* Internal peripheral connections.
### 3. Durability and Material
* **Housing:** High-temperature thermoplastic (capable of withstanding reflow soldering).
* **Contacts:** Copper alloy with gold or tin plating to ensure low contact resistance and prevent oxidation.
* **Mechanical Locks:** Often features a friction lock or a "click" mechanism to ensure the cable/board stays seated during vibration.
---
## Part Number Breakdown (General Convention)
| Prefix/Suffix | Meaning |
| :--- | :--- |
| **WEPA** | Series designator (Manufacturer specific) |
| **11** | Specific series version or physical orientation |
| **P** | Plug (Male connector) |
| **44** | Number of active pins |
| **R** | RoHS Compliant / Tape and Reel Packaging |
---
## Common Applications
* **Consumer Electronics:** Tablets, digital cameras, and handheld gaming consoles.
* **Industrial:** Interface modules for PLCs or HMI displays.
* **Automotive:** Infotainment system internal wiring.
- ⤷
What is the exact pitch measurement for the WEPA-11P44-R?
- ⤷ Is there a female mating part number for this connector?
- ⤷ What is the maximum current rating per pin for this component?