WEPA-13M2D-R
AI

The **WEPA-13M2D-R** is a specialized electronic component, typically categorized as a high-frequency power inductor or a wire-wound surface mount device (SMD) inductor. These parts are designed for high-efficiency power conversion and filtering applications.
---
### 1. Key Technical Specifications
The part number usually encodes specific electrical characteristics. Based on standard industry naming conventions for this series, here are the likely specifications:
| Parameter | Estimated Value / Description |
| :--- | :--- |
| **Component Type** | Power Inductor (SMD) |
| **Inductance** | 13 $\mu$H (indicated by "13") |
| **Tolerance** | $\pm$20% (Standard for "M" designation) |
| **Core Material** | Ferrite or Composite Metal Powder |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Mounting Style** | Surface Mount (SMD/SMT) |
---
### 2. Physical Construction
The "2D" and "R" suffixes typically refer to the physical dimensions and the packaging:
* **Miniaturized Footprint:** Designed for high-density PCB layouts where vertical space or board area is limited.
* **Shielded Design:** The internal coil is encased in a magnetic material to prevent electromagnetic interference (EMI) from affecting nearby sensitive components.
* **Terminations:** High-quality solder pads (usually tin-plated) to ensure robust mechanical attachment and low DC resistance (DCR).
---
### 3. Functional Roles in Circuits
The WEPA-13M2D-R is primarily used for the following electronic functions:
1. **Energy Storage:** In DC-DC converters (Buck, Boost, or Buck-Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in current, providing clean power to microprocessors or RF modules.
3. **Impedance Matching:** Used in specific signal paths to manage high-frequency signals.
---
### 4. Typical Applications
* **Consumer Electronics:** Smartphones, tablets, and laptops.
* **Automotive Systems:** Infotainment and LED lighting drivers.
* **Industrial:** Compact power supplies and IoT sensor nodes.
* **Telecommunications:** DC-DC line cards and base station power modules.
---
### 5. Selection Precautions
When using this part in a design, engineers must monitor:
* **Saturation Current ($I_{sat}$):** The point where inductance drops by a specific percentage.
* **Heating Current ($I_{rms}$):** The continuous current that causes a $40^\circ C$ temperature rise.
* **DCR (DC Resistance):** Lower DCR leads to higher efficiency and less heat generation.
- ⤷What is the maximum saturation current for the WEPA-13M2D-R?
- ⤷ Are there alternative inductors with a smaller footprint but similar 13uH inductance?
- ⤷ What is the recommended solder reflow profile for this component?