WEPA-13MA3-R
AI

The **WEPA-13MA3-R** is a specific electronic component, typically categorized as a **Wire-wound Power Inductor** or a specialized **Common Mode Choke**, often used in automotive and industrial power electronics.
Below is a breakdown of its technical characteristics and internal electronic parts.
---
## 1. Technical Specifications
This component is designed for high-current environments where electromagnetic interference (EMI) suppression or energy storage is required.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | 13 $\mu$H (nominal) |
| **Current Rating** | High Current (typically > 5A, depending on series) |
| **Mounting Type** | Surface Mount (SMD) |
| **Core Material** | Ferrite or Metal Composite |
| **Operating Temp** | -40°C to +125°C (Automotive grade) |
---
## 2. Internal Electronic Construction
The WEPA-13MA3-R consists of several critical physical parts that determine its electronic behavior:
### A. The Magnetic Core
* **Material:** Usually a high-permeability Ferrite or a Pressed Iron Powder.
* **Function:** Increases the magnetic flux density, allowing the part to provide high inductance in a small footprint.
### B. Winding (Copper Wire)
* **Type:** Enameled Copper Wire (Magnet Wire).
* **Structure:** It is "Wire-wound," meaning the wire is wrapped around the core. The thickness of this wire determines the **DC Resistance (DCR)** and the maximum current the part can handle without overheating.
### C. Termination / Electrodes
* **Plating:** Usually Tin (Sn) over Nickel (Ni).
* **Function:** These are the solder pads (the "R" in the suffix often denotes the tape-and-reel packaging or specific lead-free RoHS compliance).
---
## 3. Key Electronic Functions
In a circuit, the WEPA-13MA3-R performs the following roles:
1. **EMI Suppression:** It acts as a filter to block high-frequency noise while allowing DC or low-frequency signals to pass.
2. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
3. **Smoothing:** Used in power supply outputs to reduce "ripple" voltage.
---
## 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as Wurth Elektronik or ABC Taiwan), the code usually breaks down as follows:
* **WE/WEPA:** Series prefix (Power Inductor/Automotive).
* **13M:** Indicates the Inductance value (13 $\mu$H).
* **A3:** Size/Form factor code (refers to the physical dimensions in mm).
* **R:** Packaging (Tape & Reel).
---
- ⤷
What is the maximum saturation current for the WEPA-13MA3-R?
- ⤷ Can this component be used in AEC-Q200 automotive applications?
- ⤷ What are the physical dimensions of the A3 case size?