WEPA-13PC1-R
AI

The **WEPA-13PC1-R** is a high-performance, shielded power inductor specifically designed for automotive and industrial power conversion applications. It belongs to a class of surface-mount (SMD) components used to store energy and filter noise in power supply circuits.
---
## 1. Core Technical Specifications
The following table highlights the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | Usually ranges from 1.0µH to 47µH (varies by sub-code) |
| **Inductance Tolerance** | ±20% (M) |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temperature** | -40°C to +125°C (Includes self-heating) |
| **Core Material** | Composite Metal/Ferrite |
| **Compliance** | RoHS Compliant, Lead-Free |
---
## 2. Key Internal Components
The WEPA series utilizes a specific architecture to achieve high efficiency in a small footprint:
* **Composite Core:** Uses a metal alloy powder or ferrite core. This construction provides high saturation current ($I_{sat}$), meaning the inductor maintains its inductance even when high current flows through it.
* **Shielding Case:** The "Magnetically Shielded" design utilizes a protective casing that contains the magnetic flux. This prevents the inductor from interfering with nearby sensitive components (EMI reduction).
* **Flat Wire/Thick Copper Winding:** Often uses flat wire technology to reduce DC resistance (DCR), which minimizes heat loss and improves overall power efficiency.
---
## 3. Applications and Use Cases
The "R" suffix often denotes high reliability or tape-and-reel packaging for automated assembly. Typical applications include:
### Automotive Systems
* **ADAS (Advanced Driver Assistance Systems):** Powering cameras and radar modules.
* **Infotainment:** Filtering power for displays and head units.
### Industrial & Consumer Electronics
* **DC/DC Converters:** Used in Buck, Boost, and SEPIC topologies to convert voltages efficiently.
* **LED Drivers:** Providing stable current for high-brightness lighting.
* **Notebooks/Tablets:** Compact voltage regulation modules (VRM).
---
## 4. Advantages
1. **Low Profile:** Designed for space-constrained PCB layouts.
2. **Acoustic Noise Reduction:** The molded/shielded construction minimizes "coil whine" (audible buzzing caused by vibration).
3. **High Current Handling:** Capable of handling high peak currents without entering a state of magnetic saturation.
- ⤷
What are the specific saturation current (Isat) and heating current (Irms) ratings for the 13PC1-R?
- ⤷ How does the magnetic shielding in this part compare to unshielded inductors in terms of EMI?
- ⤷ What are the exact physical dimensions (Footprint) of the WEPA-13PC1-R?