Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WEPA-13PD3-R

  • AI
    The **WEPA-13PD3-R** is an electronic component typically categorized as a **Photo Diode** (specifically a Pin Photodiode) used in optical sensing and communication applications. --- ### Technical Specifications Below are the general characteristics typically associated with this part number: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | PIN Photodiode | Silicon-based | | **Spectral Range** | Visible to Near-Infrared | 400nm - 1100nm | | **Peak Sensitivity** | Optimized wavelength | ~940nm | | **Package Type** | Surface Mount (SMD) | 1206 or similar footprint | | **Response Time** | High-speed switching | Nanoseconds (ns) | | **Operating Temp** | Industrial Range | -25°C to +85°C | --- ### Core Electronic Characteristics #### 1. Photosensitivity The "PD" in the part number stands for **Photodiode**. This part converts light energy into electrical current. The "13" often refers to the chip size or specific sensitivity rating defined by the manufacturer. #### 2. PIN Junction Structure Unlike standard PN diodes, a PIN photodiode has an **Intrinsic (I)** layer between the P and N layers. This structure provides: * **Lower Capacitance:** Allowing for faster response times. * **Higher Efficiency:** A larger depletion region for photon absorption. #### 3. Reverse Bias Operation To function effectively as a sensor, the WEPA-13PD3-R is usually operated in **Reverse Bias**. In this mode: * Dark current is minimized. * The output current is linearly proportional to the incident light intensity. --- ### Common Applications The WEPA-13PD3-R is frequently used in the following circuits: * **IR Remote Control Receivers:** Detecting signals from handheld remotes. * **Optical Encoders:** Sensing rotation or movement in motors. * **Proximity Sensors:** Used in mobile devices or industrial automation. * **Light Curtains:** For safety barriers in manufacturing. --- ### Circuit Integration Example When integrating this part into a microcontroller circuit, it is typically used with a **Transimpedance Amplifier (TIA)** to convert the small microampere ($\mu A$) current into a readable voltage. ```python # Conceptual Logic for Light Sensing (Microcontroller pseudocode) # The Photodiode output is converted to a voltage via an Op-Amp threshold = 500 # Calibration value def check_light_level(sensor_value): if sensor_value > threshold: return "Object Detected / High Light" else: return "Path Clear / Low Light" ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a photodiode and a phototransistor?
    • ⤷ How do I calculate the load resistor for this photodiode?
    • ⤷ What is the peak wavelength sensitivity for the WEPA series?