Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WEPA-14MB1-R

  • AI
    The **WEPA-14MB1-R** is a specific electronic component, typically categorized as a **Microphone Unit** (often a MEMS or Electret Condenser type) used in telecommunications and audio recording devices. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Electret Condenser Microphone (ECM) | | **Directivity** | Omnidirectional (picks up sound from all directions) | | **Mounting Type** | Surface Mount (SMD) or Pin-type (depending on sub-variant) | | **Lead Status** | RoHS Compliant (Lead-Free) | --- ### 2. Electronic Characteristics To integrate this part into a circuit, the following electrical parameters are critical: * **Sensitivity:** Typically measured in dB (e.g., -42dB ±3dB). This indicates how efficiently the part converts acoustic pressure into electrical voltage. * **Operating Voltage:** Usually operates within a range of **1.0V to 10V DC**, with a standard test voltage of 2.0V. * **Current Consumption:** Very low, typically **< 0.5mA**, making it ideal for battery-powered portable electronics. * **Impedance:** Low impedance (usually **< 2.2 kΩ**), which helps in reducing noise pickup over short cable runs. * **Signal-to-Noise Ratio (SNR):** Generally above **58dB**, ensuring clear audio capture with minimal background hiss. --- ### 3. Internal Circuitry Internally, the WEPA-14MB1-R contains a Field Effect Transistor (**FET**) to amplify the high-impedance signal from the diaphragm. ```mermaid graph LR A[Sound Wave] --> B(Diaphragm) B --> C(Internal FET) C --> D(Output Terminal) E[Vcc/Bias] --> C ``` --- ### 4. Application Use Cases The "MB" series from WEPA is commonly found in: 1. **Mobile Handsets:** Internal microphones for voice calls. 2. **Wearables:** Smartwatches and fitness trackers. 3. **IoT Devices:** Voice-activated sensors or smart home hubs. 4. **Headsets:** Noise-canceling or standard communication headsets. --- ### 5. Implementation Notes * **Polarity:** Ensure the Ground (GND) terminal is correctly identified, as reversing polarity can damage the internal FET. * **Soldering:** Being a sensitive acoustic component, it is susceptible to high heat. Strict adherence to reflow profiles is required to prevent the diaphragm from melting or losing sensitivity.
    ✨ Follow-up Questions
    • ⤷What is the typical frequency response range for the WEPA-14MB1-R?
    • ⤷ How does the sensitivity of this microphone change with varying supply voltages?
    • ⤷ What are the recommended soldering temperature limits for this specific SMD component?