WEPA-14MBB-R
AI

The **WEPA-14MBB-R** is a specific electronic component, typically categorized as a high-density, high-performance connector or interface module often used in specialized industrial or telecommunications hardware.
### 1. Key Technical Specifications
Based on standard nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Board-to-Board / High-Speed Interface |
| **Pin Configuration** | 14-Pin (Modular design) |
| **Mounting Type** | Surface Mount (SMT) or Right-Angle Through-Hole |
| **Contact Material** | Gold-plated copper alloy (for high conductivity) |
| **Voltage Rating** | Typically 50V - 125V AC/DC |
| **Current Rating** | 0.5A to 1.0A per contact |
---
### 2. Electronic Architecture
The "MBB" designation often refers to the mechanical and electrical layout of the pins:
* **Signal Integrity:** Designed with low crosstalk and controlled impedance to handle high-frequency data signals.
* **Shielding:** The "-R" suffix usually indicates **RoHS Compliance** (Restriction of Hazardous Substances) and often implies a reinforced shielding to prevent Electromagnetic Interference (EMI).
* **Mating Durability:** Engineered for high insertion cycles, utilizing spring-loaded or leaf-style contacts to maintain electrical continuity under vibration.
---
### 3. Application Areas
This part is commonly integrated into the following systems:
1. **Telecommunications:** Used in backplane routing for servers and routers.
2. **Medical Imaging:** Reliable signal transmission in MRI or CT scan processing boards.
3. **Industrial Automation:** Connecting PLC (Programmable Logic Controller) modules where space is limited but pin density must be high.
---
### 4. Implementation Example
When designing a PCB for this part, engineers must account for the footprint and trace routing to maintain signal timing.
```markdown
# Example Footprint Considerations
- Pitch: Ensure 0.5mm or 0.8mm spacing (depending on specific sub-series).
- Solder Mask: High precision required to prevent bridging between the 14 pins.
- Grounding: Connect the metal shell (if present) to the chassis ground to reduce noise.
```
- ⤷
What is the exact pin pitch for the WEPA-14MBB-R?
- ⤷ Is there a 3D CAD model available for PCB layout integration?
- ⤷ What are the thermal operating limits for this specific connector?