AI

The **WJF-633-R** is a specific electronic component, typically categorized as a **Modular Jack (RJ45)** or a **Network Connector**. These are commonly used in telecommunications and networking hardware to facilitate Ethernet connections.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The WJF-633-R is designed to provide a physical interface for Cat5, Cat5e, or Cat6 cabling.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Modular Jack (RJ45) |
| **Orientation** | Right Angle (90-degree) |
| **Mounting Type** | Through-Hole (PCB Mount) |
| **Positions/Contacts** | 8 Positions, 8 Contacts (8P8C) |
| **Shielding** | Shielded (Metal shell for EMI protection) |
---
### 2. Physical & Material Properties
The durability and conductivity of the connector depend on the materials used in its construction.
* **Housing Material:** Typically High-Temperature Thermoplastic (UL 94V-0 rated).
* **Contact Material:** Phosphor Bronze.
* **Plating:** Gold plating on contact areas (usually 6u" to 50u") to prevent oxidation and ensure high-speed data integrity; Tin plating on solder tails.
* **Shielding:** Copper alloy with Nickel plating to reduce electromagnetic interference (EMI).
---
### 3. Electrical Characteristics
These parameters define the limits within which the connector can safely and efficiently operate.
| Parameter | Value (Typical) |
| :--- | :--- |
| **Current Rating** | 1.5 Amps |
| **Voltage Rating** | 125 Volts AC |
| **Insulation Resistance** | 500 MΩ Min |
| **Contact Resistance** | 30 mΩ Max |
| **Dielectric Strength** | 1000V AC RMS 60Hz, 1 min |
---
### 4. Key Design Features
* **Integrated Magnetics (Optional):** Some versions of the 633 series include "MagJacks," which have built-in transformers and filters to handle signal conditioning and isolation.
* **LED Indicators:** Depending on the specific suffix, the R-series may include integrated Green/Yellow LEDs to indicate link status and activity.
* **Mechanical Tabs:** Often includes "EMI Tabs" (fingers) on the top and sides to ensure a grounded connection with the equipment chassis.
---
### 5. Common Applications
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC:** Motherboards and interface cards.
* **Consumer Electronics:** Smart TVs, game consoles, and set-top boxes.
- ⤷
Does the WJF-633-R include integrated LED indicators?
- ⤷ What is the recommended footprint for soldering this component to a PCB?
- ⤷ Are there specific environmental ratings like RoHS compliance for this part?