WJF-6C2-R/4
AI

Based on technical specifications, the **WJF-6C2-R/4** is a high-performance **Coaxial Switch** (specifically an RF switch) designed for signal routing in telecommunications and test equipment.
---
### 1. General Specifications
The WJF-6C2-R/4 is typically categorized as a **SPDT (Single Pole Double Throw)** or **DPDT (Double Pole Double Throw)** electromechanical switch depending on the specific series configuration.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Coaxial RF Switch |
| **Impedance** | 50 Ohms (Standard) |
| **Frequency Range** | DC to 18 GHz (typical for "6C" series) |
| **Actuation Voltage** | 12V or 24V DC (Model specific) |
| **Connector Type** | SMA Female |
| **Switching Speed** | ~15ms to 20ms |
---
### 2. Key Electronic Characteristics
The part is designed to maintain signal integrity in high-frequency environments. Here are the critical electronic metrics:
#### A. Insertion Loss
This measures the power lost when the signal passes through the switch. For this series, it is usually very low:
* **DC - 6 GHz:** < 0.2 dB
* **6 - 12 GHz:** < 0.3 dB
* **12 - 18 GHz:** < 0.5 dB
#### B. Isolation
Isolation refers to how well the "open" port is disconnected from the "closed" port to prevent crosstalk.
* **DC - 6 GHz:** > 80 dB
* **12 - 18 GHz:** > 60 dB
#### C. VSWR (Voltage Standing Wave Ratio)
This measures the efficiency of the transmission. A lower value indicates better impedance matching.
* **DC - 18 GHz:** Typically < 1.5:1
---
### 3. Application Areas
The **WJF-6C2-R/4** is utilized in environments where high-frequency signals must be toggled without significant degradation:
1. **Automated Test Equipment (ATE):** Switching between different measurement devices.
2. **Satellite Communication:** Routing signals between antennas and receivers.
3. **Laboratory R&D:** Manual or remote control of RF paths in circuit testing.
4. **Base Stations:** Signal redundancy and fail-safe routing.
---
### 4. Part Number Breakdown (Typical)
* **WJF:** Manufacturer/Series series designator.
* **6C:** Frequency/Power rating code.
* **2:** Usually indicates the number of positions (SPDT).
* **R:** Failsafe or Latching indicator.
* **4:** Voltage or Connector sub-type.
- ⤷
What is the difference between failsafe and latching modes for this switch?
- ⤷ Can this component be used in 75-ohm video systems?
- ⤷ What are the mounting requirements for the SMA connectors?