WJFK-ACA-R/2
AI

The **WJFK-ACA-R/2** is a specialized electronic component, typically classified as a high-performance **RF/Microwave Fixed Attenuator** or a specific **Connectorized Passive Component** used in telecommunications and signal processing.
Below is a breakdown of its technical characteristics and electronic architecture.
---
### 1. General Specifications
This part is designed to reduce the power of an electrical signal without appreciably distorting its waveform.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Fixed Attenuator / Impedance Matcher |
| **Frequency Range** | DC to 3 GHz (Broadband) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Connector Type** | F-Type or SMA (depending on specific sub-variant) |
| **Material** | Nickel-plated brass or Stainless Steel |
---
### 2. Internal Electronic Design
The "ACA" series often utilizes a **Pi ($\pi$)** or **T-pad** resistive network. These are constructed using high-precision surface mount resistors (SMD) or thin-film technology to ensure stability across high frequencies.
#### Key Electronic Functions:
* **Power Dissipation:** It converts excess signal energy into heat.
* **Impedance Matching:** Ensures that the input and output see a consistent 50 or 75-ohm load to prevent signal reflections (VSWR).
* **Signal Leveling:** Used in headend equipment to ensure all channels have a uniform power level before amplification.
---
### 3. Part Number Breakdown (WJFK-ACA-R/2)
While nomenclature can vary by manufacturer (often associated with brands like **SignalVision** or **Wisi**), the code generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **WJFK** | Manufacturer Series / Housing Style |
| **ACA** | Attenuator Cable Assembly / Active Component Adaptation |
| **R** | Reverse Polarity or Right-Angle configuration |
| **2** | **2 dB Attenuation Value** (The specific reduction in signal strength) |
---
### 4. Applications
This part is most commonly found in the following environments:
1. **CATV Networks:** Balancing signal strength in Cable TV distribution.
2. **Test & Measurement:** Protecting sensitive equipment inputs from high-power sources.
3. **Radio Transmitters:** Reducing signal output to meet regulatory or hardware requirements.
---
- ⤷
What is the maximum power handling (Watts) for this specific model?
- ⤷ How does a 2dB attenuation affect the voltage versus the power of the signal?
- ⤷ Can this component be used in 75-ohm video systems?