AI

The **WJFT2-AB2-R/Q** is a high-precision, industrial-grade **Current Transformer (CT)** or **Current Transducer**, typically used in power monitoring, protection circuits, and industrial automation.
Below is a detailed breakdown of its electronic components, specifications, and functional characteristics.
---
### 1. Key Technical Specifications
The "R/Q" suffix often denotes specific tolerance classes or RoHS compliance versions. Here are the typical parameters for this series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Input Current (Primary)** | 5A to 100A (depending on model variant) |
| **Output Type** | Current (mA) or Voltage (V) proportional to input |
| **Accuracy Class** | 0.1, 0.2, or 0.5 (High Precision) |
| **Isolation Voltage** | 2500V AC - 5000V AC |
| **Operating Temperature** | -40°C to +85°C |
| **Housing Material** | Flame-retardant PBT / Epoxy resin encapsulated |
---
### 2. Internal Electronic Construction
The device is composed of several critical electronic segments:
* **Magnetic Core:** Usually made of High-Permeability Nanocrystalline or Permalloy. This ensures minimal phase shift and high linearity even at low primary currents.
* **Secondary Winding:** Precision-wound copper wire with high turns-ratio to step down the primary current to a measurable level.
* **Burden Resistor (Internal):** In some "Voltage Output" versions, an internal high-precision, low-drift resistor is integrated to convert the induced current into a stable voltage signal.
* **Encapsulation:** The internal components are vacuum-potted with epoxy resin to provide moisture resistance and vibration damping.
---
### 3. Pinout and Physical Layout
While physical footprints can vary by manufacturer, the **WJFT2** series generally follows a standard PCB-mount or Chassis-mount configuration:
1. **Primary Terminals (P1, P2):** Large terminals or a through-hole for the high-current conductor.
2. **Secondary Terminals (S1, S2):** Low-current output pins intended for connection to an ADC (Analog-to-Digital Converter) or a metering IC.
3. **Shielding (Optional):** Some variants include a ground pin for EMI/RFI shielding.
---
### 4. Application Logic
The WJFT2-AB2-R/Q functions based on **Faraday’s Law of Induction**. In a typical circuit:
* The primary current ($I_p$) creates a magnetic field.
* The core concentrates this field.
* The secondary winding produces a current ($I_s$) where $I_s = I_p / N$ (where $N$ is the turns ratio).
* The signal is then filtered and sent to a Microcontroller (MCU) or Digital Signal Processor (DSP) for energy calculation.
---
### 5. Common Use Cases
* **Smart Meters:** Measuring household or industrial electricity consumption.
* **Motor Protection:** Detecting overcurrent or locked-rotor conditions.
* **UPS Systems:** Monitoring battery charging/discharging and output load.
* **Solar Inverters:** Managing AC output current for grid synchronization.
- ⤷What is the exact turns ratio for the WJFT2-AB2-R/Q model?
- ⤷ How do I calculate the burden resistor value for this specific current transformer?
- ⤷ Are there specific mounting footprints available for PCB design?