Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WJFT5-AAB-R

  • AI
    The **WJFT5-AAB-R** is a specific part number typically associated with **RJ45 Jack connectors** (often integrated with magnetics, also known as "MagJacks"). These components are used in networking hardware to provide physical connectivity and electrical isolation for Ethernet signals. ### 1. Component Overview This part is a high-performance Modular Jack designed for Ethernet applications (10/100/1000 Base-T). | Feature | Specification | | :--- | :--- | | **Component Type** | RJ45 Female Connector | | **Configuration** | Single Port (1x1) | | **Orientation** | Right Angle (Through-Hole) | | **Shielding** | Metal Shielded (EMI protection) | | **LEDs** | Integrated (usually Green/Yellow) | | **Data Rate** | Typically Gigabit Ethernet (1000 Mbps) compatible | --- ### 2. Internal Electronic Parts Inside the metal housing of a "MagJack" like the WJFT5 series, there are several discrete electronic elements: #### A. Isolation Transformers * **Purpose:** Provides galvanic isolation between the local circuit and the external network cable. * **Function:** Protects the internal circuitry from voltage spikes and static on the Ethernet line. #### B. Common Mode Chokes * **Purpose:** Noise suppression. * **Function:** Filters out high-frequency electromagnetic interference (EMI) that could affect data integrity. #### C. Integrated LEDs * **Components:** Two light-emitting diodes built into the front face. * **Usage:** Indicates "Link" status and "Activity" (blinking). #### D. Termination Resistors & Capacitors * **Bob Smith Termination:** Often includes 75-ohm resistors and high-voltage capacitors (2kV) to handle common-mode signals and minimize radiation. --- ### 3. Pinout and Physical Interface | Part Section | Description | | :--- | :--- | | **Contacts** | Gold-plated phosphor bronze pins for low contact resistance. | | **Shield Tabs** | Metal "fingers" that ground the connector to the chassis or panel. | | **Housing** | High-temperature thermoplastic (UL 94V-0 rated). | --- ### 4. Typical Applications The WJFT5-AAB-R is commonly found in the following devices: * **Network Switches/Routers:** The primary port for LAN connections. * **Industrial PCs:** Used for robust data communication. * **Embedded Systems:** Microcontroller boards (like ESP32 or STM32 expansion shields) requiring wired internet. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the WJFT5-AAB-R LEDs?
    • ⤷ Is this part compatible with Power over Ethernet (PoE)?
    • ⤷ What are the recommended soldering temperatures for this RJ45 jack?