WJFX-601-R
AI

The **WJFX-601-R** is a specific model of a **Liquid Flow Switch** (often categorized under industrial electronic sensors). These devices are critical in HVAC, water treatment, and industrial cooling systems to monitor the movement of fluids within a pipe.
---
### 1. Key Technical Specifications
The WJFX-601-R typically operates as a paddle-style switch. Below are the common electronic and physical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Contact Rating** | 15A @ 125/250VAC |
| **Pressure Rating** | Up to 10 bar (1.0 MPa) |
| **Fluid Temperature** | 0°C to 100°C (standard range) |
| **Connection Size** | R 1" (Tapered Pipe Thread) |
| **Enclosure Material** | Die-cast Aluminum or reinforced plastic (varies by sub-type) |
---
### 2. Internal Electronic Components
The device functions by translating mechanical movement into an electrical signal. The core electronic parts include:
1. **Microswitch (The Core):**
* Inside the housing is a high-quality microswitch.
* When fluid flows, it pushes a paddle; this mechanical force is transmitted via a linkage to trigger the microswitch.
2. **SPDT Terminal Block:**
* **COM (Common):** The input line.
* **NO (Normally Open):** Closes the circuit when flow is detected (used to start pumps/chillers).
* **NC (Normally Closed):** Opens the circuit when flow is detected (used for "low flow" alarms).
3. **Sensitivity Adjustment Screw:**
* A spring-loaded mechanism that allows the user to calibrate at what flow rate the switch triggers. Increasing spring tension requires higher fluid velocity to activate the switch.
---
### 3. Connection Diagram (Standard Wiring)
The wiring is straightforward, typically involving three main terminals:
```text
[ Terminal Box ]
|
+-- (COM) --- Line In (Live)
|
+-- (NO) --- To Load (e.g., Compressor/Pump)
|
+-- (NC) --- To Alarm/Warning Light
```
---
### 4. Common Applications
* **Chillers:** To ensure water is circulating through the evaporator before the compressor starts (prevents freezing).
* **Boilers:** To prevent dry-firing by ensuring water is moving.
* **Pump Protection:** Shuts down a pump if the fluid source runs dry.
---
- ⤷
How do you calibrate the sensitivity screw on the WJFX-601-R?
- ⤷ What is the difference between the R-type thread and the NPT version?
- ⤷ Can this switch be used with corrosive chemicals or only water?