WJFX-A02-R
AI

The **WJFX-A02-R** is an electronic component primarily classified as a **High-Frequency Connector** or **RF Coaxial Connector**, specifically belonging to the **Mini-W.FL / IPEX** series. These connectors are designed for compact electronic devices requiring wireless connectivity.
---
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics typical for this part number:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | SMT Receptacle (Male Pin) |
| **Frequency Range** | DC to 6 GHz |
| **Impedance** | 50 Ohms (Nominal) |
| **VSWR** | 1.3 Max (0 to 3GHz) / 1.5 Max (3 to 6GHz) |
| **Mating Height** | ~1.2mm to 1.5mm (Ultra Low Profile) |
| **Contact Material** | Phosphor Bronze with Gold Plating |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Electronic Features
* **Miniaturization:** The "A02" designation often refers to the specific generation or size profile, optimized for extremely thin PCB designs where space is at a premium.
* **Gold Plating:** To ensure high conductivity and prevent oxidation over time, the center contact and outer shell are typically gold-plated.
* **High-Frequency Performance:** Designed to handle signals for Wi-Fi (2.4GHz/5GHz), Bluetooth, and GPS without significant signal loss.
* **Durability:** While small, these connectors are rated for approximately 20 to 30 mating cycles.
---
### 3. Common Applications
The WJFX-A02-R is commonly found in the following electronic hardware:
1. **Mobile Devices:** Smartphones and tablets for internal antenna connections.
2. **Laptops:** Connecting Wi-Fi/Bluetooth M.2 cards to the integrated screen antennas.
3. **IoT Modules:** Narrowband-IoT (NB-IoT) or LoRa modules that require an external antenna interface.
4. **Drones:** For FPV (First Person View) video transmission and RC control links.
---
### 4. Installation Notes
* **Soldering:** Being an SMT (Surface Mount Technology) component, it is usually applied via solder paste and a reflow oven. Manual soldering is difficult due to its tiny footprint.
* **Mating:** Requires a compatible female plug (usually on a micro-coaxial cable assembly). Care must be taken during insertion to avoid bending the center pin.
- ⤷
What is the exact footprint dimensions for the WJFX-A02-R on a PCB?
- ⤷ Is this connector compatible with standard U.FL cable assemblies?
- ⤷ What is the maximum power rating for this RF connector?