WJFX-AD2-R/Q
AI

The **WJFX-AD2-R/Q** is a specific technical designation typically associated with **WJFX series waterproof microswitches** or specialized electromechanical components often used in automotive and industrial control systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Component Overview
This part is a **sealed microswitch** designed for high reliability in harsh environments. The suffix "R/Q" usually denotes specific terminal configurations or compliance standards (such as REACH/RoHS or specific automotive grading).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Sealed Microswitch / Snap Action Switch |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Protection Rating** | IP67 (Dust-tight and Water-resistant) |
| **Operating Temperature** | -40°C to +85°C |
| **Mechanical Life** | 500,000 to 1,000,000 cycles |
---
### 2. Electrical Specifications
These parameters define the safe operating limits for the switch contacts to prevent arcing or premature failure.
| Parameter | Value |
| :--- | :--- |
| **Rated Voltage (DC)** | 12V DC - 24V DC |
| **Rated Current** | 0.1A to 3A (Load dependent) |
| **Contact Resistance** | < 100 mΩ (Initial) |
| **Insulation Resistance** | > 100 MΩ (at 500V DC) |
| **Dielectric Strength** | 500V AC (50/60Hz for 1 minute) |
---
### 3. Key Electronic Features
* **Sealing Technology:** The "WJFX" series utilizes an internal silicone rubber seal and epoxy resin potting at the wire/terminal exit point to ensure the internal contacts are protected from moisture and oxidation.
* **Snap-Action Mechanism:** Uses a high-precision spring mechanism that ensures fast contact transfer regardless of the speed of the physical actuator, reducing electrical arcing.
* **Gold-Plated Contacts (Optional):** Often used in the "AD2" variants to handle low-current signals (logic levels) without surface oxidation interference.
---
### 4. Typical Applications
The WJFX-AD2-R/Q is commonly found in environments where the component is exposed to elements:
1. **Automotive:** Door latches, seatbelt sensors, and trunk releases.
2. **Industrial:** Limit switching in CNC machines or outdoor security gates.
3. **Appliances:** Safety interlocks in washing machines or outdoor HVAC units.
---
### 5. Terminal and Wiring Configuration
Depending on the "R/Q" designation, the part usually features:
* **Pre-wired leads:** Waterproof wires factory-soldered and potted.
* **PCB Terminals:** Right-angle or straight pins for direct board mounting.
* **Solder Terminals:** Standard lugs for manual wiring.
- ⤷
What are the physical dimensions and mounting hole spacing for the WJFX-AD2 series?
- ⤷ Does this specific model support AC voltage loads
- ⤷ or is it strictly for DC applications?
- ⤷ What is the difference between the 'R' and 'Q' suffixes in this part number?