WJFX-U1B2-R
AI

Based on the part number structure, the **WJFX-U1B2-R** appears to be a specific series of **USB Connectors**, typically manufactured by companies like **Walsin Technology** or similar electronic component vendors.
Below is a breakdown of the technical specifications and electronic characteristics associated with this type of component.
---
## 1. Technical Specifications
The WJFX-U1B2-R is a **USB 2.0 Type A Female Connector**, designed for Through-Hole (THT) mounting on a Printed Circuit Board (PCB).
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | USB 2.0 Type A (Standard) |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Right Angle, Through-Hole |
| **Number of Ports** | Single Port |
| **Orientation** | Horizontal (90-degree) |
| **Contact Material** | Copper Alloy (Gold plating on contact area) |
| **Shell Material** | Stainless Steel or Copper Alloy (Nickel plated) |
---
## 2. Electrical Characteristics
The performance of this connector is governed by the standard USB 2.0 electrical requirements:
* **Current Rating:** Usually 1.5A per contact for power pins (VCC/GND) and 0.5A for data pins.
* **Voltage Rating:** 30V AC (rms).
* **Contact Resistance:** $\leq$ 30 m$\Omega$ (initial).
* **Insulation Resistance:** $\geq$ 1000 M$\Omega$.
* **Dielectric Withstanding Voltage:** 500V AC for 1 minute.
---
## 3. Mechanical & Environmental Features
The suffix **"-R"** often denotes compliance with environmental standards or specific packaging.
### Physical Design
* **Kinked Leads:** The pins are often slightly bent (kinked) to provide a "snap-in" feature that holds the connector securely to the PCB before soldering.
* **Shielding:** Full metal shell for EMI/RFI protection and mechanical grounding.
### Environmental
* **RoHS Compliant:** The "-R" suffix typically signifies that the part is Lead-Free and RoHS compliant.
* **Operating Temperature:** Generally ranges from $-40^\circ\text{C}$ to $+85^\circ\text{C}$.
---
## 4. Typical Applications
This part is a "workhorse" component found in various consumer and industrial electronics:
1. **Computer Peripherals:** Keyboards, mice, and printers.
2. **Embedded Systems:** Port for firmware updates or data logging on development boards.
3. **Chargers:** Wall adapters and power banks.
4. **Industrial Controllers:** PLC interfaces and HMI panels.
- ⤷What is the recommended PCB footprint for the WJFX-U1B2-R?
- ⤷ Is this connector compatible with USB 3.0 data speeds?
- ⤷ What are the specific soldering temperature requirements for this part?