WJFX-U2C1-R
AI

The **WJFX-U2C1-R** is a specific electronic component, typically categorized as a **USB 2.0 Connector**. Specifically, it is a Type-C female socket designed for Surface Mount Technology (SMT) on Printed Circuit Boards (PCBs).
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
This part is engineered for high-speed data transfer and power delivery in compact electronic devices.
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | USB 2.0 Type-C |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | SMT (Surface Mount) + Through-hole Shell Legs |
| **Number of Pins** | 12-Pin or 24-Pin (Configuration dependent) |
| **Current Rating** | 3.0A to 5.0A (for VBUS) |
| **Voltage Rating** | 20V DC |
| **Operating Temp** | -30°C to +85°C |
---
### 2. Key Electronic Components & Materials
The performance of the WJFX-U2C1-R relies on high-quality materials to ensure conductivity and durability:
* **Contacts (Pins):** Usually made of **Copper Alloy** with **Gold Plating** over Nickel. Gold plating prevents oxidation and ensures low contact resistance during high-frequency data transmission.
* **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures (approx. 260°C).
* **Shell (Shielding):** Stainless steel or Nickel-plated steel. This acts as an EMI (Electromagnetic Interference) shield and provides structural grounding.
---
### 3. Pinout and Signal Functionality
As a USB-C 2.0 part, it does not utilize the SuperSpeed differential pairs found in USB 3.0, focusing instead on the following:
1. **VBUS/GND:** Power supply lines.
2. **D+/D-:** Differential pairs for USB 2.0 data transfer (up to 480 Mbps).
3. **CC1/CC2:** Configuration Channel pins used for cable orientation detection and Power Delivery (PD) negotiations.
4. **SBU1/SBU2:** Sideband Use pins (often used for alternate modes or audio).
---
### 4. Application Use Cases
This specific part number is commonly found in:
* **Mobile Devices:** Charging ports for smartphones and tablets.
* **Peripheral Hardware:** Keyboards, mice, and external hard drive enclosures.
* **Power Modules:** DIY USB-C power trigger boards or charging modules.
---
- ⤷
What are the PCB footprint dimensions for the WJFX-U2C1-R?
- ⤷ Does this connector support USB Power Delivery (PD) fast charging?
- ⤷ How does the 12-pin version differ from a full 24-pin USB-C connector?