AI

The **WJFX-U3EB-R/Q** is a high-performance, industry-standard **USB 3.0 (USB 3.1 Gen 1) Connector**. These components are typically manufactured by specialized interconnect hardware firms and are designed for high-speed data transmission and durable physical connections in consumer electronics and industrial equipment.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | USB 3.0 Type-A (Standard) |
| **Interface Speed** | Up to 5 Gbps (SuperSpeed) |
| **Mounting Type** | Through-Hole (THT) / Right Angle |
| **Orientation** | Horizontal |
| **Contact Material** | Copper Alloy (typically Gold plated) |
| **Voltage Rating** | 30V AC/DC |
| **Current Rating** | 1.8A (Power pins), 0.25A (Signal pins) |
| **Durability** | ~5,000 Mating Cycles |
---
### 2. Key Design Components
#### A. Physical Construction
* **Housing:** Usually made of High-Temperature Thermoplastic (UL94V-0 rated), allowing it to withstand wave soldering processes.
* **Shielding:** A metal outer shell (Stainless steel or Nickel-plated brass) provides EMI/RFI protection and ensures a common ground connection.
* **Retention:** Often features "Kinked" leads or "Board Locks" to hold the connector securely to the PCB during the soldering process.
#### B. Pin Configuration
The USB 3.0 architecture requires **9 pins**:
1. **4 Pins (Legacy):** Compatible with USB 2.0 (VCC, D-, D+, GND).
2. **5 Pins (SuperSpeed):** Added for high-speed differential pairs (TX+, TX-, RX+, RX-, and a dedicated GND drain).
---
### 3. Suffix Breakdown (R/Q)
In electronic part numbering, the suffixes usually denote packaging or minor variations:
* **-R:** Generally stands for **Tape & Reel** packaging (for automated pick-and-place assembly) or **RoHS Compliant**.
* **-Q:** Often refers to **Quality/Automotive** grading or a specific manufacturer's production batch code.
---
### 4. Application Areas
* **Computing:** Motherboards, Laptops, and Docking Stations.
* **Peripherals:** External Hard Drives (HDDs), SSD enclosures, and Flash drives.
* **Industrial:** High-speed machine vision cameras and data loggers.
* **Embedded Systems:** Single-board computers (like Raspberry Pi or Jetson modules).
---
### 5. Footprint Example (Generic)
```c
// PCB Layout Consideration
// Pins 1-4 are positioned at the front
// Pins 5-9 are positioned in a row behind them
// Shell tabs require large plated through-holes for mechanical strength
```
- ⤷
What are the specific PCB footprint dimensions for the WJFX-U3EB-R/Q?
- ⤷ Does this connector support the Power Delivery (PD) protocol?
- ⤷ What are the recommended soldering temperature profiles for this component?