AI

The **WJM-103-R/Q** refers to a specific series of miniature high-frequency power relays. These components are primarily used for switching high-power loads in industrial, automotive, and telecommunications applications.
Below is a breakdown of the electronic specifications and characteristics for this part series.
### 1. General Specifications
The "R/Q" suffix usually denotes specific variations in sealing (flux-proof vs. wash-tight) or contact materials.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) |
| **Contact Material** | Silver Alloy (AgSnO2 or AgCdO) |
| **Rated Load (Resistive)** | 10A to 20A @ 250VAC / 30VDC |
| **Max Switching Voltage** | 250VAC / 110VDC |
| **Coil Nominal Voltage** | 3VDC to 48VDC (Commonly 12V or 24V) |
| **Coil Power Consumption** | Approx. 0.36W to 0.45W |
---
### 2. Internal Components & Pinout
The internal construction consists of an electromagnetic coil, an armature, and contact points.
* **Coil (Input):** When DC voltage is applied, it creates a magnetic field that moves the armature.
* **Contacts (Output):**
* **Common (COM):** The moving part of the switch.
* **Normally Open (NO):** Connected to COM only when the coil is energized.
* **Normally Closed (NC):** (In Form C models) Connected to COM when the coil is idle.
---
### 3. Key Electronic Characteristics
#### A. Dielectric Strength
This relay is designed to isolate low-voltage control circuits from high-voltage power circuits.
* **Between Open Contacts:** ~750VAC to 1,000VAC per minute.
* **Between Coil and Contacts:** ~1,500VAC to 2,500VAC per minute.
#### B. Life Expectancy
* **Electrical Life:** ~100,000 operations (at rated load).
* **Mechanical Life:** ~10,000,000 operations (no load).
#### C. Environmental Sealing (The R/Q Designations)
* **Type R:** Often indicates a **Flux-proof** construction, suitable for standard soldering where the relay isn't submerged in cleaning solvents.
* **Type Q:** Often indicates a **Wash-tight (Sealed)** construction, allowing the PCB to be washed after soldering without liquid entering the relay housing.
---
### 4. Sample Schematic (1 Form C)
```text
(Coil)
[Pin 1] ----( Coil )---- [Pin 2]
(Contacts)
[NC] ----|
|--- [COM]
[NO] ----|
```
---
### 5. Common Applications
* **Home Appliances:** Air conditioners, microwave ovens, and heaters.
* **Industrial Control:** PLC output modules and motor control.
* **Automotive:** Power windows, central locking, and lighting control.
---
- ⤷What is the difference in pin pitch between the WJM-103 and standard T73 relays?
- ⤷ Which transistor is best suited to drive the 12VDC version of this relay?
- ⤷ How does temperature affect the coil resistance and pull-in voltage of the WJM-103?