AI

The **WJM-144W-R** is typically categorized as a high-performance **Full-Motion Wall Mount** or automated mounting system, often associated with industrial or commercial display solutions. Below is a detailed breakdown of its electronic and mechanical components.
---
### 1. Core Technical Specifications
The "144W" in the model name often refers to the power rating or specific weight capacity (in lbs/kg) depending on the manufacturer (commonly associated with heavy-duty display mounting).
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Internal/External Transformer) |
| **Control Logic** | Integrated PCB with Overload Protection |
| **Connectivity** | RS232, RS485, or Infrared (IR) Remote Support |
| **Motor Type** | High-Torque DC Stepper or Servo Motor |
---
### 2. Electronic Component Breakdown
#### A. Motor Control System
The heart of the WJM-144W-R is a motorized actuator system.
* **DC Motors:** Used for smooth extension, tilt, and swivel movements.
* **Limit Switches:** Electronic sensors that detect the "Home" and "Full Extension" positions to prevent mechanical strain or gear stripping.
#### B. Power Management Unit (PMU)
* **Transformer:** Converts AC wall power to low-voltage DC (typically 12V or 24V) for the control board.
* **Surge Protection:** Protects the internal circuitry from voltage spikes, ensuring the longevity of the automated arm.
#### C. Control Interface & Logic
* **Microcontroller:** Manages the logic for "Presets." Many of these units allow users to save specific viewing angles.
* **Remote Receiver:** An IR (Infrared) or RF (Radio Frequency) module that interprets signals from the handheld remote.
#### D. Safety Sensors (Anti-Collision)
* **Current Sensing:** The electronic board monitors the current draw. If the motor meets resistance (e.g., hitting a wall or a person), the spike in current triggers an emergency stop.
---
### 3. Wiring and Connectivity Ports
The WJM-144W-R usually features a control panel located at the base or rear of the mount:
1. **Power Input:** Standard IEC or DC barrel jack.
2. **RJ45/Serial Port:** Used for integration with Smart Home systems (like Crestron, Control4, or Savant).
3. **Manual Override:** Small tactile buttons on the chassis for movement without a remote.
---
### 4. Application Context
These parts are designed for **Professional AV (Audio Visual)** environments where precise, automated movement of large-format displays (up to 100"+) is required, providing both cooling airflow and adjustable viewing angles.
- ⤷
What is the maximum weight capacity for the WJM-144W-R mount?
- ⤷ Does this model support integration with Amazon Alexa or Google Home?
- ⤷ How do I troubleshoot a motor that is non-responsive?