AI

The **WJM-1B0-R/Q** is a specific electronic component typically categorized as a **Micro-Switch** or **Detection Switch**, often utilized in consumer electronics, automotive components, and industrial control interfaces.
Below is a detailed breakdown of its technical characteristics and electronic properties.
---
### 1. General Specifications
The WJM series is designed for low-profile applications where space is limited. The "R/Q" suffix usually denotes specific packaging (Reel) or terminal configurations.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Detector Switch / Micro-action Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | Normally Open (NO) or Normally Closed (NC) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) |
| **Actuator Type** | Lever / Push Button |
---
### 2. Electrical Characteristics
These parameters define the limits within which the switch can operate safely without damaging the internal contacts.
* **Rating:** Typically supports low voltage signals, often **DC 12V 50mA** or **DC 5V 10mA**.
* **Contact Resistance:** Generally less than **100mΩ** (initial), ensuring minimal signal loss.
* **Insulation Resistance:** Usually **100MΩ min.** at 100V DC.
* **Dielectric Strength:** Capable of withstanding **AC 100V - 250V** for one minute without breakdown.
---
### 3. Mechanical & Environmental Properties
The reliability of the WJM-1B0-R/Q is measured by its physical durability.
* **Operating Force:** Usually very light, ranging from **35gf to 70gf** (grams-force).
* **Operating Life:** Designed for high longevity, typically rated for **50,000 to 100,000 cycles**.
* **Temperature Range:** Standard operating range is **-20°C to +70°C**.
---
### 4. Typical Applications
Because of its small footprint and precise actuation, this part is commonly found in:
1. **Optical Disc Drives:** Detecting the position of the tray or the presence of a disc.
2. **Smart Home Devices:** Door/window sensors or security tamper switches.
3. **Consumer Electronics:** Power toggles in cameras, handheld gaming consoles, or wearable tech.
4. **Automotive:** Detecting seatbelt engagement or glove box closure.
---
### 5. Sample Circuit Integration
In a digital circuit, this switch is often used with a pull-up resistor to provide a logic signal to a Microcontroller (MCU).
```cpp
// Logic Example for MCU
if (digitalRead(WJM_SWITCH_PIN) == LOW) {
// Switch is triggered
executeAction();
}
```
---
- ⤷What is the difference between the R and Q suffixes for this component?
- ⤷ Can this switch be used for high-power AC applications?
- ⤷ What is the physical footprint size of the WJM-1B0 series?