WJM-1C4-R
AI

The **WJM-1C4-R** is a specific type of **electromagnetic relay**. These components function as electrically operated switches, allowing a low-power signal to control a much higher-power circuit.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The WJM series is typically characterized by its compact design and high reliability for PCB (Printed Circuit Board) mounting.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Electromagnetic Relay |
| **Configuration** | SPDT (1 Form C) |
| **Mounting Type** | Through-hole (PCB) |
| **Termination** | Solder Pins |
| **Contact Material** | Silver Alloy (often AgSnO2 or AgNi) |
### 2. Contact Configuration (1C)
The "1C" in the part number signifies the contact arrangement:
* **SPDT (Single Pole Double Throw):** This means the relay has one common terminal that can switch between two other terminals (Normally Open and Normally Closed).
* **Form C:** A standard industry term for a change-over contact set.
### 3. Electrical Characteristics
Relays like the WJM-1C4-R are designed to handle specific voltage and current loads. While exact ratings can vary by manufacturer batch, they generally fall into these ranges:
* **Coil Voltage:** Usually available in 5V, 12V, or 24V DC (Check the specific sub-marking on the casing).
* **Contact Rating:** Typically rated for **3A to 10A** at 125VAC or 30VDC.
* **Insulation Resistance:** Minimum 100MΩ (at 500VDC).
* **Dielectric Strength:** Usually 1,000VAC between open contacts and 1,500VAC between coil and contacts.
### 4. Internal Mechanics
The device consists of four primary internal electronic/mechanical parts:
1. **Electromagnet (Coil):** A copper wire wound around an iron core. When energized, it creates a magnetic field.
2. **Armature:** A moving part that is attracted by the magnetic field.
3. **Spring:** Returns the armature to its original position when the current is removed.
4. **Contacts:** The physical points that open or close the electrical circuit.
### 5. Common Applications
* **Home Appliances:** Control circuits for air conditioners or heaters.
* **Office Automation:** Switching power in printers and copiers.
* **Industrial Equipment:** Interfacing between microcontrollers (like Arduino/PLCs) and high-voltage motors or lights.
---
### Circuit Symbol Representation
In a schematic, the WJM-1C4-R is represented as follows:
```text
[Coil] [Switch]
---( )--- NC --/ -- COM
NO --
```
- ⤷
What is the specific coil voltage for your WJM-1C4-R unit?
- ⤷ How do I calculate the flyback diode needed for this relay?
- ⤷ What are the physical dimensions for the PCB footprint?