Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WJM-1D5W-R

  • AI
    The **WJM-1D5W-R** is a specific electronic component, typically categorized as a **Wirewound Resistor**. This particular model is designed for high-power dissipation and reliability in various circuit applications. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Technical Specifications The part number follows a standard naming convention for power resistors. Here are the core parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Wirewound Resistor | Uses a metal wire wound around a ceramic core. | | **Power Rating** | 5 Watts | Maximum power the component can dissipate safely. | | **Resistance Tolerance** | ±1% or ±5% | Precision rating (Standard for 'R' series). | | **Package Style** | Radial / Axial Lead | Designed for Through-Hole Mounting (THT). | | **Coating** | Silicone or Cement | Provides flameproof protection and insulation. | --- ### 2. Internal Construction The "WJM" series is built to handle thermal stress and high-current surges better than standard carbon film resistors. 1. **Resistive Element:** A high-quality alloy wire (typically Nickel-Chromium) wound to a specific length to achieve the desired Ohmic value. 2. **Core:** High-purity alumina ceramic, which acts as a heat sink to draw heat away from the wire. 3. **Encapsulation:** The "1D" usually refers to a specific physical dimension or flameproof coating that prevents the resistor from catching fire during an extreme overload. 4. **Terminals:** Tinned copper leads for high conductivity and ease of soldering. --- ### 3. Key Electronic Characteristics * **Low Temperature Coefficient (TCR):** Because it is wirewound, its resistance remains stable even as the temperature rises. * **High Surge Capability:** Can handle brief spikes in voltage/current that would destroy thin-film resistors. * **Inductive Nature:** Due to the coiled wire construction, these resistors have inherent inductance. They are generally **not** recommended for high-frequency RF applications but are excellent for power supplies. --- ### 4. Common Applications The WJM-1D5W-R is commonly found in the following circuits: * **Power Supplies:** Used as a "bleeder resistor" or for current sensing. * **Motor Controllers:** Acts as a current limiter or brake resistor. * **Audio Equipment:** Used in crossover networks for speakers. * **Voltage Dividers:** In heavy-duty industrial equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Ohmic value of your specific WJM-1D5W-R unit?
    • ⤷ How does a wirewound resistor compare to a metal film resistor in terms of heat?
    • ⤷ Are there non-inductive versions of the WJM series available?