WJPA-1B2-R
AI

The **WJPA-1B2-R** is an electronic component primarily classified as a **Power Inductor** (specifically a Metal Composite Type). These components are essential for voltage regulation and filtering in modern compact electronics.
---
## 1. Technical Specifications
Below are the typical electrical and physical characteristics associated with the WJPA-1B2-R series:
| Parameter | Value/Description |
| :--- | :--- |
| **Inductance** | Typically ranges (varies by sub-code, often 1.2µH - 2.2µH) |
| **Tolerance** | ±20% |
| **Core Material** | Metal Alloy / Metal Composite |
| **Current Rating** | High Saturation Current (Isat) |
| **DC Resistance (DCR)** | Low (optimized for efficiency) |
| **Operating Temp** | -40°C to +125°C |
| **Package Size** | SMD (Surface Mount Device) |
---
## 2. Key Electronic Features
The "Metal Composite" construction of this part provides several advantages over traditional ferrite inductors:
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply when current increases, the metal composite core has a gradual saturation curve.
* **High Power Density:** It can handle high currents in a very small physical footprint.
* **Low Magnetic Leakage:** The molded structure acts as a natural shield, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Acoustic Noise Reduction:** The composite material is less prone to "buzzing" or magnetostriction under high-frequency switching.
---
## 3. Circuit Applications
The WJPA-1B2-R is commonly used in the following circuit types:
### A. DC-DC Converters
It acts as an energy storage element in Buck (step-down) or Boost (step-up) converters.
```python
# Simplified Buck Converter Logic
V_out = D * V_in
# The inductor (WJPA-1B2-R) smooths the current ripples
# created by the switching transistor.
```
### B. Power Management Integrated Circuits (PMICs)
Used in smartphones, tablets, and laptops where space is limited but high efficiency is required.
### C. Filtering
Used in LC filters to remove high-frequency noise from power supply lines to protect sensitive ICs.
---
## 4. Part Number Breakdown (General Format)
While specific to the manufacturer (often associated with brands like Cyntec or similar specialized magnetic providers):
* **WJPA:** Series identifier (Metal Alloy Power Inductor).
* **1B2:** Likely refers to the physical dimensions (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm).
* **R:** Generally indicates "RoHS Compliant" or "Tape & Reel" packaging.
- ⤷
What is the exact inductance value for the 1B2 variant?
- ⤷ How does a metal composite inductor differ from a ferrite core inductor in EMI performance?
- ⤷ Which manufacturers produce equivalents to the WJPA series?