WJPA-1C2-R
AI

The **WJPA-1C2-R** is a specific high-performance **Electromagnetic Relay** typically manufactured by components specialists like *Wanji*. It is widely used in automotive electronics, industrial control systems, and power management modules due to its compact size and high switching capability.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | 1C (SPDT - Single Pole Double Throw) |
| **Coil Voltage** | Typically 12V DC (Standard for automotive/industrial) |
| **Contact Rating** | 20A to 30A (Depending on the specific load type) |
| **Mounting Type** | PCB (Through-hole) |
| **Terminal Material** | Silver Alloy (AgSnO2 or similar for arc resistance) |
| **Enclosure** | Sealed/Flux-proof (R suffix often denotes ROHS compliance or specific sealing) |
---
### 2. Functional Components
The WJPA-1C2-R consists of several critical electronic and mechanical parts internally:
* **Electromagnetic Coil:** When energized, it creates a magnetic field that pulls the armature.
* **Armature & Spring:** The mechanical linkage that moves the contacts. The spring ensures the contacts return to their "Normal" state when power is removed.
* **Contacts (Common, NO, NC):**
* **NO (Normally Open):** Connects when the relay is energized.
* **NC (Normally Closed):** Disconnects when the relay is energized.
* **COM (Common):** The moving terminal that switches between NO and NC.
* **Yoke and Core:** High-permeability metal parts that concentrate the magnetic flux to increase efficiency.
---
### 3. Application Use-Cases
Because of its "1C" (Changeover) configuration and high current handling, it is found in:
1. **Automotive Power Windows:** Reversing motor polarity to move glass up or down.
2. **Central Locking Systems:** Actuating door locks.
3. **Lighting Control:** Switching high-intensity headlamps or auxiliary LEDs.
4. **HVAC Systems:** Controlling fans or small compressors.
---
### 4. Circuit Implementation Example
When integrating this part into a circuit, a **Flyback Diode** is essential to protect the driving transistor from voltage spikes.
```python
# Conceptual connection for WJPA-1C2-R
# Coil Pins: Connected to VCC and a Switching NPN Transistor
# Contact Pins: Switching a High-Current 12V Load
[VCC] --- [Coil Pin 1] --- [Coil Pin 2] --- [Collector of Transistor]
| |
+---|<|---------+ (Flyback Diode 1N4007)
```
---
- ⤷
What is the maximum switching voltage for the WJPA-1C2-R?
- ⤷ How does the '1C' contact form differ from a '1A' form?
- ⤷ What is the recommended flyback diode for this relay?