WJPA-2BC-R/Q
AI

The **WJPA-2BC-R/Q** is a specific variant of an industrial-grade pressure sensor/switch, commonly utilized in automation and fluid power systems. It is part of the **WJPA series** produced by manufacturers like **WOLKE** or similar industrial automation brands.
---
### 1. Technical Specifications Overview
The "2BC" and "R/Q" suffixes typically denote the output configuration, pressure range, and connector type.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Digital Pressure Switch / Sensor |
| **Input Voltage** | 12 - 24V DC |
| **Output Type** | Dual Output (NPN or PNP depending on R/Q configuration) |
| **Display Type** | 3-color digital LCD/LED display |
| **Pressure Medium** | Non-corrosive gas, air, or non-flammable gas |
| **Port Size** | Usually R1/8” or NPT1/8” (Check specific "Q" threading) |
| **Accuracy** | ±2% F.S. (Full Scale) |
---
### 2. Electronic Component Breakdown
#### A. Internal Sensing Element
The device uses a **Piezoresistive Silicon Sensor**. When pressure is applied, the resistance of the silicon bridge changes. An internal **ADC (Analog-to-Digital Converter)** translates this physical change into a digital signal processed by an onboard microcontroller (MCU).
#### B. Output Circuitry (The "R/Q" Logic)
The suffixes typically refer to the transistor logic used for switching:
* **R (NPN):** Open collector output. The load is connected between the positive supply and the output lead.
* **Q (PNP):** Open collector output. The load is connected between the output lead and the common (ground).
* **Analog Output:** Some versions include a 1-5V or 4-20mA signal for continuous pressure monitoring.
#### C. Human-Machine Interface (HMI)
* **MCU:** Controls the logic for the set-points (Hysteresis and Window Comparator modes).
* **LED Indicators:** Provides visual feedback on whether Output 1 or Output 2 is active.
* **Buttons:** Tactile switches used for programming the threshold values.
---
### 3. Wiring Diagram (Typical)
Most WJPA models follow a standard 4-wire color code:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | V+ | DC Positive Power (12-24V) |
| **Blue** | 0V | DC Negative / Common |
| **Black** | OUT 1 | Digital Switching Output 1 |
| **White** | OUT 2 | Digital Switching Output 2 |
---
### 4. Key Application Use Cases
* **Leak Detection:** Monitoring pressure drops in sealed systems.
* **Vacuum Verification:** Ensuring a suction cup has successfully gripped a part in robotic assembly.
* **Filter Monitoring:** Detecting clogs by measuring pressure differentials.
- ⤷
What is the specific pressure range for the 2BC variant?
- ⤷ How do I switch between NPN and PNP modes if the device supports both?
- ⤷ What are the common error codes for this specific pressure switch?