WJPA-3BA-R/Q
AI

The **WJPA-3BA-R/Q** refers to a specific series of power-sensitive relays, commonly utilized in automotive and industrial control systems. These components are designed to switch high-current loads using low-power signals.
---
## 1. Technical Specifications
Below are the typical electronic characteristics for this component series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) |
| **Nominal Coil Voltage** | 12V DC / 24V DC (Variant dependent) |
| **Max Switching Current** | 20A - 30A |
| **Contact Material** | Silver Alloy (AgSnO2) |
| **Terminal Type** | PCB Mount (Through-hole) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Component Structure and Operation
The WJPA-3BA-R/Q consists of three primary electronic sub-assemblies:
### A. The Coil (Input Side)
* **Function:** Acts as an electromagnet.
* **The "Q" and "R" Suffixes:** Usually denote specific sensitivity ratings or coil resistances. "Q" often represents a high-sensitivity coil requiring lower power to actuate.
* **Protection:** Often used in conjunction with a flyback diode to prevent voltage spikes when the coil is de-energized.
### B. The Contacts (Output Side)
* **Switching:** When the coil is energized, the armature moves to close the physical contacts.
* **Load Handling:** Designed to handle resistive and inductive loads (like motors or lamps) without welding the contacts shut.
### C. The Housing
* **Sealing:** These parts are typically "Sealed" or "Flux-proof" to prevent environmental contaminants from interfering with the electrical connection.
---
## 3. Common Applications
Due to its high current rating and compact PCB footprint, it is frequently found in:
1. **Automotive Modules:** Power windows, central locking, and seat adjustment.
2. **Home Appliances:** Control boards for washing machines or air conditioners.
3. **Industrial Automation:** Small motor starters and PLC output modules.
---
## 4. Part Number Breakdown (Generic)
While manufacturers vary slightly, the nomenclature usually follows this logic:
* **WJPA:** Series designation (Power Relay).
* **3:** Size or Power rating indicator.
* **BA:** Contact configuration/material.
* **R/Q:** Coil sensitivity or environmental sealing rating (e.g., Wash-tight vs. Cased).
- ⤷
What are the exact coil resistance values for the 'Q' vs 'R' versions?
- ⤷ Can this relay be used for AC voltage switching?
- ⤷ What is the recommended footprint for the PCB layout?