WJPAD2-44D-R
AI

The **WJPAD2-44D-R** is a specific part number typically associated with high-performance **Directional Couplers** or high-frequency RF components often manufactured by companies like **Walsin** or specialized microwave component vendors.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Component Overview
A directional coupler is a passive device used in radio frequency (RF) circuits to couple a specific amount of electromagnetic power in a transmission line to a port, enabling the signal to be used in another circuit or for monitoring.
| Property | Description |
| :--- | :--- |
| **Type** | Directional Coupler |
| **Frequency Range** | Typically designed for 2.4GHz / 5GHz bands (WLAN/Wi-Fi) |
| **Package Style** | Surface Mount Device (SMD) |
| **Material** | Low Temperature Co-fired Ceramic (LTCC) |
| **Application** | Signal monitoring, power leveling, and antenna sharing |
---
### 2. Technical Specifications
While exact datasheets can vary by revision, the "44D" designation generally points to specific coupling and frequency parameters:
* **Frequency Range:** Often covers the **2400 MHz to 5900 MHz** spectrum, making it ideal for Dual-Band Wi-Fi applications.
* **Coupling Value:** Usually calibrated for approximately **10dB to 20dB** (depending on the specific sub-series suffix).
* **Insertion Loss:** Designed for low loss (typically **< 0.5 dB**) to ensure minimal signal degradation on the main transmission line.
* **Impedance:** Standard **50 Ω** (Ohms) matching for RF systems.
---
### 3. Pin Configuration and Ports
These components typically feature 4 to 6 terminals. The standard internal logic follows this structure:
1. **Input Port (IN):** Where the RF signal enters.
2. **Output Port (OUT):** Where the main signal exits (with slight attenuation).
3. **Coupled Port (CPL):** Provides a fraction of the input power.
4. **Isolated/Terminated Port:** Usually terminated internally or externally to prevent reflections.
5. **Ground (GND):** Multiple points for thermal dissipation and RF shielding.
---
### 4. Key Features
* **LTCC Technology:** Provides excellent stability across varying temperatures and high reliability in small form factors.
* **Low Profile:** The "R" in the suffix often denotes "Reel" packaging for automated Pick-and-Place assembly.
* **Miniaturization:** Designed to fit into tight PCB layouts in smartphones, routers, and IoT modules.
---
### 5. Common Applications
* **Power Control:** Measuring the output power of a Power Amplifier (PA) to adjust gain dynamically.
* **Antenna Signal Monitoring:** Detecting reflected power to calculate SWR (Standing Wave Ratio).
* **Test and Measurement:** Tapping into a signal line without interrupting the primary signal flow.
- ⤷
What is the exact coupling value in dB for the WJPAD2-44D-R?
- ⤷ Can this component be used in 5G Sub-6GHz applications?
- ⤷ How does LTCC technology benefit RF component performance compared to standard PCB materials?