WJPAD2-4B1-R
AI

The **WJPAD2-4B1-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) used in various consumer electronics and industrial control panels. These are momentary push-button switches that provide physical feedback to the user.
---
### 1. General Specifications
While specific datasheets can vary by manufacturer (often associated with brands like *Well Buying* or similar specialized switch producers), the part number breakdown generally follows this logic:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Mounting Type** | Through-hole (typically) |
| **Termination** | Solder Pins |
---
### 2. Physical Characteristics
The "4B1" and "R" suffixes in the part number usually denote specific mechanical dimensions and actuation forces:
* **Actuator Height:** The height of the plunger (the part you press) is a critical factor for fitting into plastic enclosures.
* **Operating Force:** Measured in Gram-force (gf) or Newtons (N). Common values are 160gf or 250gf.
* **Color/Material:** The "R" may signify a specific color for the button/stem (often Red) or RoHS compliance.
* **Dimensions:** Usually follows a standard footprint (e.g., 6x6mm or 12x12mm base).
---
### 3. Electrical Ratings
These parts are designed for low-power signal switching rather than high-current power delivery.
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | < 100mΩ |
| **Insulation Resistance** | > 100MΩ |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Life** | 100,000 to 1,000,000 cycles |
---
### 4. Common Applications
* **Household Appliances:** Microwave control panels, washing machine buttons.
* **Computer Peripherals:** Reset buttons, power buttons on monitors.
* **Industrial Equipment:** Interface panels for PLC units or controllers.
* **Consumer Gadgets:** Remote controls and handheld devices.
- ⤷
What are the exact physical dimensions of the WJPAD2-4B1-R?
- ⤷ Can this switch be used in surface mount (SMD) applications?
- ⤷ What is the recommended soldering temperature for this component?