Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WJPAD2-4D2-R

  • AI
    The **WJPAD2-4D2-R** is a specific electronic component, typically categorized as a high-performance **Dual-Phase Power Stage** or a specialized **DC-DC Converter Module**, often utilized in computing environments (such as servers or high-end workstations). Below is a detailed breakdown of its electronic characteristics and technical profile. ### 1. Component Overview The device is designed for synchronous buck converter applications where high efficiency and high power density are required. It integrates Gate Drivers and MOSFETs into a single package. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Dual-Phase Power Module / Smart Power Stage (SPS) | | **Input Voltage Range** | Typically 4.5V to 16V (standard for 12V rails) | | **Output Current** | High-current capability (often 40A-60A per phase) | | **Switching Frequency** | Support for up to 1MHz - 2MHz | | **Package Type** | Surface Mount (SMD), often QFN or specialized power land grid | --- ### 2. Key Electronic Parts & Internal Logic The WJPAD2-4D2-R is not a single transistor but a multi-chip module (MCM). Its internal architecture consists of: * **Integrated High-Side MOSFET:** Optimized for low switching losses to handle high-frequency operation. * **Integrated Low-Side MOSFET:** Features extremely low $R_{DS(on)}$ (On-Resistance) to minimize conduction losses during the "freewheeling" period. * **Synchronous Gate Driver:** An internal circuit that ensures the High-Side and Low-Side MOSFETs do not turn on at the same time (preventing "shoot-through"). * **Current Sensing Circuitry:** Provides real-time feedback (IMON) to the PWM controller for accurate current reporting and over-current protection. * **Temperature Sensor:** An internal diode or thermistor providing thermal telemetry (TMON). --- ### 3. Pinout and Signal Functions Commonly, these modules utilize the following signal groups: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VIN / PVIN** | Power Input | Connection to the main 12V power rail. | | **SW / PHASE** | Switching Node | Connection to the external inductor. | | **PWM** | Control Input | Receives logic signals from the Digital PWM Controller. | | **VCC / VDRV** | Logic Power | Internal supply for the gate drivers (usually 5V). | | **IMON / REFOUT** | Current Monitor | Outputs a voltage proportional to the load current. | | **TSNS** | Temp Sense | Outputs a signal corresponding to the module's heat level. | --- ### 4. Application Context The "R" suffix usually denotes **RoHS Compliance** (Lead-free) or high-reliability ratings. You will most likely find this part in: * **VRM (Voltage Regulator Modules):** On motherboards to power CPUs or GPUs. * **Data Center Switches:** Powering high-speed ASICs. * **Industrial Computing:** Where compact footprint and high efficiency are critical.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the WJPAD2-4D2-R?
    • ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer?
    • ⤷ How does the 'Dual-Phase' architecture improve efficiency compared to single-phase?