Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WJPAD2-4DD-R

  • AI
    The **WJPAD2-4DD-R** is a specific surface-mount electronic component, typically categorized as a **dual Schottky Barrier Diode** array. These parts are commonly used for high-speed switching, circuit protection, and power management in compact electronic devices. --- ## 1. Technical Specifications Below are the typical electrical characteristics for this type of component: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Schottky Barrier Diode Array | | **Configuration** | Dual Series or Common Cathode/Anode | | **Forward Voltage ($V_F$)** | ~0.3V to 0.5V | | **Reverse Voltage ($V_R$)** | ~30V to 40V | | **Continuous Forward Current ($I_F$)** | ~200mA | | **Package Type** | SOT-23 or similar SMD package | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Key Features and Functions The "WJPAD" series focuses on low-power loss and high efficiency. * **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a much lower voltage drop than standard silicon diodes (0.3V vs 0.7V). This results in higher efficiency and less heat generation. * **Fast Switching Speed:** It has a very low reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications. * **Integrated Design:** Containing two diodes in a single package saves PCB (Printed Circuit Board) real estate and simplifies the manufacturing process. --- ## 3. Common Applications This part is generally found in the following circuit types: 1. **ESD Protection:** Protecting sensitive I/O lines from electrostatic discharge. 2. **Clamping Circuits:** Limiting the voltage level at a specific point in a circuit to prevent damage to downstream components. 3. **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backward (used in low-current scenarios). 4. **DC-DC Converters:** Acting as a catch diode in small-scale switching regulators. --- ## 4. Internal Circuit Diagram While the exact internal routing depends on the suffix, most "4DD" variations follow this logic: ```text Anode 1 (Pin 1) ----|>|---- Cathode (Pin 3) Anode 2 (Pin 2) ----|>|---- Cathode (Pin 3) (Common Cathode Configuration Example) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the WJPAD2-4DD-R?
    • ⤷ Can this diode be used for high-power rectification above 1 Amp?
    • ⤷ What are the equivalent alternative part numbers for this component?