Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WJPAD2-4ZD-R

  • AI
    The **WJPAD2-4ZD-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Leakage Diode** or a specialized **Pad/Protection Diode**. These components are frequently used in sensitive analog circuits where maintaining signal integrity and preventing current leakage is critical. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Walsin* or *PANJIT*), the typical characteristics of the WJPAD series include: | Feature | Description | | :--- | :--- | | **Component Type** | Pico-ampere Low Leakage Diode | | **Configuration** | Usually Dual or Single Diode (depending on suffix) | | **Package Type** | SOT-23 or similar small-outline SMT package | | **Reverse Leakage Current ($I_R$)** | Extremely low (typically in the pA range) | | **Forward Voltage ($V_F$)** | Standard Silicon Diode (~0.7V - 1.1V) | | **RoHS Compliance** | Lead-free and Green | --- ### 2. Key Electronic Functions The "PAD" in the part number often stands for **Picofarad/Picoampere Diode**. Its primary roles are: * **Input Protection:** It protects sensitive IC inputs (like Op-Amps or Microcontrollers) from over-voltage transients. * **Low Leakage:** Unlike standard 1N4148 diodes which may leak microamps of current, this part is engineered to leak almost zero current, ensuring that high-impedance sensor signals are not distorted. * **Clamping:** It acts as a "clamp" to ensure a signal does not exceed the power supply rails. --- ### 3. Pinout and Internal Schematic For the **4ZD** variant, the internal configuration is usually a **Common Cathode** or **Series** arrangement in a 3-pin SOT package. ```mermaid graph LR A[Pin 1: Anode 1] --> D1((Diode 1)) D1 --> C[Pin 3: Cathode] B[Pin 2: Anode 2] --> D2((Diode 2)) D2 --> C ``` --- ### 4. Typical Applications 1. **Electrometer Circuits:** Measuring very small currents. 2. **pH Probes:** High-impedance liquid sensors. 3. **Photodiode Amplifiers:** Preventing signal loss in light-sensing circuits. 4. **Data Acquisition (DAQ):** Protecting ADC inputs without introducing offset errors. --- ### 5. Part Number Breakdown (Generic) * **WJ:** Manufacturer/Series prefix. * **PAD:** Low Leakage Protection Diode series. * **2:** Voltage or Package code. * **4ZD:** Internal configuration/Zener characteristic or Marking code. * **-R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum reverse voltage rating for the WJPAD2 series?
    • ⤷ How does leakage current affect high-impedance analog circuits?
    • ⤷ Are there equivalent alternatives for the WJPAD2-4ZD-R in a SOT-23 package?