Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • WJPAD2-701-R

  • AI
    The **WJPAD2-701-R** is a specialized electronic component, typically categorized as a high-performance **Directional Coupler** or a specific RF passive component used in telecommunications and signal processing. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview A directional coupler is used to sample a specific amount of power from a transmission line without significantly interrupting the main signal flow. The "R" suffix often denotes **RoHS compliance** (Restriction of Hazardous Substances). ### 2. Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Directional Coupler / RF Tap | | **Frequency Range** | Typically UHF/VHF or Microwave bands (Model specific) | | **Coupling Factor** | Usually defined in dB (e.g., 7dB, 10dB, or 20dB) | | **Impedance** | 50 Ohms (Standard for RF systems) | | **Mounting Type** | Surface Mount (SMD) or Pin-thru, depending on package | | **Material** | Ceramic or high-frequency laminate base | --- ### 3. Key Electronic Parts & Functions The internal architecture of a device like the WJPAD2-701-R consists of several critical elements: #### A. The Main Transmission Line The primary path where the input signal enters and the majority of the power exits through the "Output" port. It is designed for **Low Insertion Loss** to ensure signal integrity. #### B. The Coupled Line A secondary line placed in close proximity to the main line. Through **electromagnetic induction**, a small, predictable portion of the energy is transferred to this line. #### C. Termination Resistor Most directional couplers include an internal or external termination (usually 50 ohms) on the "Isolated Port" to prevent signal reflections that could cause interference or standing waves (VSWR). --- ### 4. Common Applications * **Power Monitoring:** Measuring the output power of a transmitter without stopping the broadcast. * **Antenna Tuning:** Used in SWR (Standing Wave Ratio) meters to measure reflected power. * **Signal Leveling:** Providing feedback loops in amplifiers to maintain a constant output. * **Test and Measurement:** Sampling high-speed signals for analysis by oscilloscopes or spectrum analyzers. --- ### 5. Schematic Representation In a circuit diagram, the part is represented as a four-port network: ```text [Input] -----------------> [Output] | | (Coupling) V [Coupled Port] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the WJPAD2-701-R?
    • ⤷ How does the coupling loss of this part affect the main signal path?
    • ⤷ Is there a direct equivalent or substitute for this component in RF design?