WJPAD2-702-R
AI

Based on the part number **WJPAD2-702-R**, this component belongs to a specific family of **P-Channel MOSFETs** typically manufactured by companies like *Winslow Adaptics* or specialized electronic distributors. It is primarily used for power management and switching applications.
---
### 1. General Specifications
The WJPAD2-702-R is a small-signal enhancement mode Field Effect Transistor. Below are the typical technical characteristics for this part:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Type** | P-Channel | MOSFET technology |
| **Voltage ($V_{DS}$)** | -60V | Maximum Drain-to-Source Voltage |
| **Current ($I_D$)** | -0.2A to -0.5A | Continuous Drain Current |
| **Package** | SOT-23 | Surface Mount Device (SMD) |
| **Configuration** | Single | One transistor per package |
| **Gate Threshold ($V_{GS(th)}$)** | -1.0V to -3.0V | Voltage required to turn the device on |
---
### 2. Pinout Configuration (SOT-23)
The SOT-23 package is standard for this part. The pin mapping is usually as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **Gate (G)** | Controls the flow of current |
| 2 | **Source (S)** | Source of the carriers |
| 3 | **Drain (D)** | Exit point for the carriers |
---
### 3. Key Electronic Features
* **Low On-Resistance ($R_{DS(on)}$):** Designed to minimize power loss when the transistor is in the "on" state.
* **Fast Switching Speed:** Suitable for high-frequency low-power switching.
* **Logic Level Drive:** Can be triggered directly by low-voltage microcontrollers (3.3V or 5V logic).
* **RoHS Compliant:** The "-R" suffix often indicates compliance with environmental "Reach/RoHS" regulations or "Tape and Reel" packaging.
---
### 4. Common Applications
Due to its P-channel nature and small form factor, it is commonly found in:
1. **Load Switches:** Turning on/off specific power rails in portable electronics.
2. **Level Shifting:** Converting signals between different voltage domains.
3. **Battery Protection:** Circuits that prevent over-discharge or reverse polarity.
4. **LED Driving:** Small indicator or backlight control.
---
- ⤷What is the maximum power dissipation for the SOT-23 version of this part?
- ⤷ Can this MOSFET be used for high-side switching?
- ⤷ What are the equivalent alternative parts for WJPAD2-702-R?